Electronic Components Datasheet Search
  English  ▼

X  

UPD6461 Datasheet(PDF) 52 Page - NEC

Part # UPD6461
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461 Datasheet(HTML) 52 Page - NEC

Back Button UPD6461 Datasheet HTML 48Page - NEC UPD6461 Datasheet HTML 49Page - NEC UPD6461 Datasheet HTML 50Page - NEC UPD6461 Datasheet HTML 51Page - NEC UPD6461 Datasheet HTML 52Page - NEC UPD6461 Datasheet HTML 53Page - NEC UPD6461 Datasheet HTML 54Page - NEC UPD6461 Datasheet HTML 55Page - NEC UPD6461 Datasheet HTML 56Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
52
µPD6461, 6462
POWER-ON CLEAR SPECIFICATIONS
VDD
tPCLL
0 V
VDD
0 V
VDD
0.8 VDD
0.16 VDD
PCL
EXTERNAL CLOCK INPUT
Timing for external clock input (valid when selected with mask option)
Note
10% of the external clock cycle
Example: When the external clock frequency is 8 MHz
Clock cycle = 125 ns
The maximum slew rate is 10% of 125 ns, giving 12.5 ns.
Remarks 1. Keep the external clock in phase with the rising edges of Hsync.
2. Design the input of Hsync so that noise of more than 100 ns is suppressed.
3. When using an external clock, leave the OSCOUT pin open.
Parameter
PCL pin low level hold time
Conditions
Min.
10
Typ.
Max.
Unit
µs
Symbol
tPCLL
Parameter
Time from external clock fall to synchro-
nizing signal rise
Time from synchronizing signal rise to
external clock fall
tS (rising slew rate)
Conditions
Min.
30
30
Typ.
Max.
Unit
ns
ns
ns
Symbol
tC-H
tH-C
tS
Note
tC-H
tH-C
50 %
50 %
Hsync
External
clock
10 %
tS
90 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com