Electronic Components Datasheet Search
  English  ▼

X  

UPD6461 Datasheet(PDF) 22 Page - NEC

Part # UPD6461
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461 Datasheet(HTML) 22 Page - NEC

Back Button UPD6461 Datasheet HTML 18Page - NEC UPD6461 Datasheet HTML 19Page - NEC UPD6461 Datasheet HTML 20Page - NEC UPD6461 Datasheet HTML 21Page - NEC UPD6461 Datasheet HTML 22Page - NEC UPD6461 Datasheet HTML 23Page - NEC UPD6461 Datasheet HTML 24Page - NEC UPD6461 Datasheet HTML 25Page - NEC UPD6461 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
22
µPD6461, 6462
3. COMMAND DETAILS
3.1 VIDEO RAM BATCH CLEAR COMMAND
This command clears the entire video RAM by means of a single operation (the bit configuration is the same as for MSB-
first and LSB-first transfer).
The video RAM batch clear command places the system in the following state:
•
All character data in video RAM (12 rows
× 24 columns) is cleared (to display-off data (FEH:
µPD6461/7EH:
µPD6462)) and blinking is turned off.
•
The video RAM write address is (row 0, column 0).
•
The character size is single (minimum) for all rows.
•
The output distribution format is set to the default (the VC1 and VC2 bits are set to 0).
•
Display is turned off and LC oscillation is turned on.
The time required for clearing video RAM is calculated as follows. No command must be input while the video RAM is
being cleared.
Time required to clear video RAM = 10(
µs) + 12/fOSC(MHz) × 288
fOSC(MHz) : LC oscillation frequency or external clock frequency
A dot clock input (to the OSCIN pin) is necessary to clear the video RAM. Input a dot clock when external clock input
is selected.
Remark Power-on clear using the PCL pin is hardware reset, initializing the IC, including clearing the video RAM and
releasing test mode. The video RAM batch clear command, in contrast, performs software reset by initializing
the IC without first releasing test mode.
(MSB)
(LSB)
D7
D6
D5
D4
D3
D2
D1
D0
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com