Electronic Components Datasheet Search
  English  ▼

X  

UPD6461 Datasheet(PDF) 23 Page - NEC

Part # UPD6461
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461 Datasheet(HTML) 23 Page - NEC

Back Button UPD6461 Datasheet HTML 19Page - NEC UPD6461 Datasheet HTML 20Page - NEC UPD6461 Datasheet HTML 21Page - NEC UPD6461 Datasheet HTML 22Page - NEC UPD6461 Datasheet HTML 23Page - NEC UPD6461 Datasheet HTML 24Page - NEC UPD6461 Datasheet HTML 25Page - NEC UPD6461 Datasheet HTML 26Page - NEC UPD6461 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
23
µPD6461, 6462
3.2 CHARACTER DISPLAY CONTROL COMMAND
This command turns on/off character display, LC oscillation, and the blinking of characters.
(1) For MSB-first transfer (Command bits are input starting from the MSB (D7).)
D7
0
D6
0
D5
0
D4
1
D3
DO
D2
LC
D1
BL1
D0
BL0
(MSB)
(LSB)
BL1
0
0
1
1
BL0
0
1
0
1
LC
0
1
DO
0
1
Function
Turns off blinking.
Turns on 2 Hz blinking.
Turns on 1 Hz blinking.
Turns on 0.5 Hz blinking.
Blinking control bits
LC oscillation control bit
Function
Turns off LC oscillator.
Turns on LC oscillator.
Function
Turns off character display.
Turns on character display.
Character display on/off control bit
(2) For LSB-first transfer (Command bits are input starting from the LSB (D0). The function of each bit is the same as
that for MSB-first transfer.)
•
Blinking control bits
These bits are used to turn on or off the blinking of characters for which blinking has been enabled with the displayed
character control command. The blinking ratio is 1:1, one of three blinking frequencies being selectable for the entire
screen.
•
LC oscillation control bit
This bit is used to turn the oscillator on or off. You can stop the oscillator when no character is being displayed,
thus reducing the power consumption.
While the oscillator is stopped, it is not possible to write to video RAM. Turn on the oscillator before attempting
to write to video RAM.
Cautions 1. When using LC oscillation (LC oscillation control bit = 1): When character display is turned on, the
oscillation is synchronized with Hsync, stopping when Hsync goes low. When character display
is turned off, oscillation continues regardless of the state of Hsync.
2. When using an external clock (LC oscillation control bit = 1): While the oscillator is turned on, clock
pulses are supplied to the IC internal circuit. While the oscillator is turned off, no clock pulses are
supplied.
•
Character display on/off control bit
This bit is used to turn character display on or off. Character display is turned on or off upon the detection of a
falling edge of Hsync.
(LSB)
(MSB)
D0
D1
D2
D3
D4
D5
D6
D7
BL0
BL1
LC
DO
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com