Electronic Components Datasheet Search
  English  ▼

X  

UPD70732 Datasheet(PDF) 3 Page - NEC

Part # UPD70732
Description  V810TM 32-BIT MICROPROCESSOR
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70732 Datasheet(HTML) 3 Page - NEC

  UPD70732 Datasheet HTML 1Page - NEC UPD70732 Datasheet HTML 2Page - NEC UPD70732 Datasheet HTML 3Page - NEC UPD70732 Datasheet HTML 4Page - NEC UPD70732 Datasheet HTML 5Page - NEC UPD70732 Datasheet HTML 6Page - NEC UPD70732 Datasheet HTML 7Page - NEC UPD70732 Datasheet HTML 8Page - NEC UPD70732 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
3
µPD70732
Pin Configuration
• 120-pin plastic QFP (28 x 28 mm) (Top View)
µPD70732GD-xx-LBB
Cautions 1. Leave the IC1 pin open.
2. Connect the IC2 pin to GND.
Remark
IC: Internally Connected
1
VDD
2
IC1
3
IC1
4
IC1
5
RESET
6
D0
7
D1
8
D2
10
D3
11
D4
13
D5
14
D6
15
D7
18
D8
19
D9
20
D10
21
D11
22
D12
24
D13
25
D14
26
D15
27
D16
28
D17
29
D18
9
GND
12
GND
16
VDD
17
VDD
23
GND
30
GND
90
VDD
89
ST0
88
HLDRQ
78
GND
76
VDD
75
VDD
74
GND
61
GND
87
SZRQ
86
READY
85
A2
84
A3
83
A4
82
A5
81
A6
80
A7
79
A8
77
A9
73
A10
72
A11
71
A12
70
A13
69
A14
68
A15
67
A16
66
A17
65
A18
64
A19
63
A20
62
A21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com