Electronic Components Datasheet Search
  English  ▼

X  

UPD70732 Datasheet(PDF) 18 Page - NEC

Part # UPD70732
Description  V810TM 32-BIT MICROPROCESSOR
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70732 Datasheet(HTML) 18 Page - NEC

Back Button UPD70732 Datasheet HTML 14Page - NEC UPD70732 Datasheet HTML 15Page - NEC UPD70732 Datasheet HTML 16Page - NEC UPD70732 Datasheet HTML 17Page - NEC UPD70732 Datasheet HTML 18Page - NEC UPD70732 Datasheet HTML 19Page - NEC UPD70732 Datasheet HTML 20Page - NEC UPD70732 Datasheet HTML 21Page - NEC UPD70732 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
18
µPD70732
4.
ADDRESS SPACE
The V810 supports 4 Gbytes of linear memory space and I/O space. The CPU outputs 32-bit addresses to
the memory and I/Os; therefore, the addresses are from 0 to 232 – 1.
Bit number 0 of each byte data is defined as the LSB (Least Significant Bit), and bit number 7 is the MSB (Most
Significant Bit). Unless otherwise specified, the byte data at the lower address side of data consisting of two or
more bytes is the LSB, and the byte data at the higher address side is the MSB (little endian).
Data consisting of 2 bytes is called a halfword, and data consisting of 4 bytes is called a word. The lower address
of memory or I/O data of two or more bytes, here, is shown on the right, and the higher address is shown on the
left, as follows:
Byte of address A
Halfword of address A
Word/short real of address A
70
A (address)
70
15
8
A (address)
A + 1
70
15
8
23
16
31
24
A
A + 1
A + 2
A + 3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com