Electronic Components Datasheet Search
  English  ▼

X  

UPD70732 Datasheet(PDF) 8 Page - NEC

Part # UPD70732
Description  V810TM 32-BIT MICROPROCESSOR
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70732 Datasheet(HTML) 8 Page - NEC

Back Button UPD70732 Datasheet HTML 4Page - NEC UPD70732 Datasheet HTML 5Page - NEC UPD70732 Datasheet HTML 6Page - NEC UPD70732 Datasheet HTML 7Page - NEC UPD70732 Datasheet HTML 8Page - NEC UPD70732 Datasheet HTML 9Page - NEC UPD70732 Datasheet HTML 10Page - NEC UPD70732 Datasheet HTML 11Page - NEC UPD70732 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
8
µPD70732
1.
PIN FUNCTIONS
1.1 Pin Function List
Bus hold
status
during
operation
A31 to A1
3-state
Address bus
Hi-Z
Hi-Z
HNote
(Address Bus)
output
D31 to D0
3-state
Bidirectional data bus
Hi-Z
Hi-Z
Hi-Z
(Data Bus)
I/O
BE3 to BE0
3-state
Indicates valid data bus when data is accessed
Hi-Z
Hi-Z
H
(Byte Enable)
output
ST1, ST0
3-state
Indicates type of bus cycle
Hi-Z
Hi-Z
H
(Status)
output
DA
3-state
Strobe signal for bus cycle
Hi-Z
Hi-Z
H
(Data Access)
output
MRQ
3-state
Indicates memory access
Hi-Z
Hi-Z
H
(Memory Request)
output
R/W
3-state
Distinguishes between read access and write access
Hi-Z
Hi-Z
H
(Read/Write)
output
BCYST
3-state
Indicates start of bus cycle
Hi-Z
Hi-Z
H
(Bus Cycle Start)
output
READY
Input
Extends bus cycle
—
—
—
(Ready)
HLDRQ
Input
Requests bus mastership
—
—
—
(Hold Request)
HLDAK
Output
Acknowledges HLDRQ
L
L
H
(Hold Acknowledge)
SZRQ
Input
Requests bus sizing
—
—
—
(Bus Sizing Request)
SIZ16B
Input
Fixes external data bus width to 16 bits
—
—
—
(Bus Size 16 Bit)
BLOCK
Output
Requests to inhibit use of bus
L
L
L
(Bus Lock)
ICHEEN
Input
Operates instruction cache
—
—
—
(Instruction Cache Enable)
INT
Input
Interrupt request
—
—
—
(Maskable Interrupt)
INTV3 to INTV0
Input
Interrupt level
—
—
—
(Interrupt Level)
Note
A1 pin is “H” in the 16-bit bus fixed mode; otherwise, it is “L”.
Bus hold
Bus idle
Name
I/O
Function
status
status
at reset
at reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com