Electronic Components Datasheet Search
  English  ▼

X  

UPD70732 Datasheet(PDF) 47 Page - NEC

Part # UPD70732
Description  V810TM 32-BIT MICROPROCESSOR
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70732 Datasheet(HTML) 47 Page - NEC

Back Button UPD70732 Datasheet HTML 43Page - NEC UPD70732 Datasheet HTML 44Page - NEC UPD70732 Datasheet HTML 45Page - NEC UPD70732 Datasheet HTML 46Page - NEC UPD70732 Datasheet HTML 47Page - NEC UPD70732 Datasheet HTML 48Page - NEC UPD70732 Datasheet HTML 49Page - NEC UPD70732 Datasheet HTML 50Page - NEC UPD70732 Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
47
µPD70732
10.2 Specifications When VDD = 2.7 to 3.6 V
Absolute Maximum Ratings (TA = 25˚C)
Parameter
Symbol
Test Conditions
Rating
Unit
Supply voltage
VDD
–0.5 to +7.0
V
Input voltage
VI
VDD = 2.7 to 3.6 V
–0.5 to VDD + 0.3
V
Clock Input voltage
VK
VDD = 2.7 to 3.6 V
–0.5 to VDD + 0.3
V
Output voltage
VO
VDD = 2.7 to 3.6 V
–0.5 to VDD + 0.3
V
Operaitng ambient temperature
TA
–40 to +85
˚C
Storage temperature
Tstg
–65 to +150
˚C
Cautions 1. Do not directly interconnect IC product output (or input/output) pins, or directly connect
VDD or VCC to GND. However, open-drain pins and open-collector pins can be interconnected.
Direct connection is also possible for an external circuit using timing design that avoids
output collision with a pin that becomes high-impedance.
2. Product quality may suffer if the absolute maximum rating is exceeded for even a single
parameter, or even momentarily.
In other words, the absolute maximum ratings are rated values at which the product is
on the verge of suffering physical damage, and therefore, the product must be used under
conditions which ensure that the absolute maximum ratings are not exceeded. As far as
possible, the product should be used in a state in which the rated value is not approached.
The ratings and test conditions shown in the DC characteristics and AC characteristics
are the normal operation and quality assurance ranges of the product.
DC Characteristics (TA = –40 to +85˚C, VDD = 2.7 to 3.6 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Clock input voltage, high
VKH
0.8 VDD
VDD + 0.3
V
Clock input voltage, low
VKL
–0.5
+0.2 VDD
V
Input voltage, high
VIH
2.0
VDD + 0.3
V
Input voltage, low
VIL
–0.5
+0.6
V
Output voltage, high
VOH
IOH = –2.0 mA
0.85 VDD
V
IOH = –100
µAVDD – 0.2
V
Output voltage, low
VOL
IOL = 3.2 mA
0.4
V
Input leak current, high
ILIH
VIN = VDD
5
µA
Input leak current, low
ILIL
VIN = 0 V
–5
µA
Output leak current, high
ILOH
VO = VDD
5
µA
Output leak current, low
ILOL
VO = 0 V
–5
µA
Supply current
IDD
f = 16 MHz
38Note 2
100
mA
Stopping clockNote 1
330
µA
Notes 1. VIL = 0 V, VIH = VDD applied
2. In general benchmark test (Output pins are open.)
Remark
Operating supply current is approximately proportional to operating clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com