Electronic Components Datasheet Search
  English  ▼

X  

UPD70732 Datasheet(PDF) 6 Page - NEC

Part # UPD70732
Description  V810TM 32-BIT MICROPROCESSOR
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70732 Datasheet(HTML) 6 Page - NEC

Back Button UPD70732 Datasheet HTML 2Page - NEC UPD70732 Datasheet HTML 3Page - NEC UPD70732 Datasheet HTML 4Page - NEC UPD70732 Datasheet HTML 5Page - NEC UPD70732 Datasheet HTML 6Page - NEC UPD70732 Datasheet HTML 7Page - NEC UPD70732 Datasheet HTML 8Page - NEC UPD70732 Datasheet HTML 9Page - NEC UPD70732 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
6
µPD70732
No.
Signal
No.
Signal
No.
Signal
No.
Signal
F1
VDD
J4
VDD
M7
VDD
P4
A12
F2
D26
J12
IC2
M8
A5
P5
GND
F3
D24
J13
IC2
M9
VDD
P6
A8
F4
GND
J14
IC1
M10
ST1
P7
GND
F12
INTV2
J15
IC1
M11
A1
P8
A6
F13
INTV3
K1
IC2
M12
GND
P9
GND
F14
VDD
K2
A27
M13
BCYST
P10
SZRQ
F15
GND
K3
A25
M14
DA
P11
GND
G1
D29
K4
A24
M15
SIZ16B
P12
MRQ
G2
D28
K12
GND
N1
VDD
P13
GND
G3
IC2
K13
BLOCK
N2
VDD
P14
ADRSERR
G4
IC2
K14
VDD
N3
A17
P15
BE0
G12
VDD
K15
VDD
N4
A15
Q1
IC2
G13
IC2
L1
A28
N5
VDD
Q2
A13
G14
IC1
L2
A26
N6
A9
Q3
A14
G15
IC1
L3
A22
N7
VDD
Q4
A11
H1
A31
L4
A20
N8
VDD
Q5
GND
H2
D30
L12
HLDAK
N9
A3
Q6
A7
H3
GND
L13
VDD
N10
HLDRQ
Q7
IC2
H4
D31
L14
IC1
N11
VDD
Q8
A4
H12
GND
L15
IC1
N12
BE2
Q9
IC2
H13
CLK
M1
GND
N13
BE1
Q10
A2
H14
IC1
M2
A23
N14
VDD
Q11
READY
H15
IC2
M3
A21
N15
IC1
Q12
ST0
J1
A30
M4
GND
P1
A18
Q13
BE3
J2
A29
M5
A16
P2
A19
Q14
R/W
J3
IC2
M6
A10
P3
GND
Q15
IC2
Cautions 1. Leave the IC1 pin open.
2. Connect the IC2 pin to GND.
3. Connect the IC3 pin to power supply.
Remark
IC: Internally Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com