Electronic Components Datasheet Search
  English  ▼

X  

UPD70732 Datasheet(PDF) 16 Page - NEC

Part # UPD70732
Description  V810TM 32-BIT MICROPROCESSOR
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70732 Datasheet(HTML) 16 Page - NEC

Back Button UPD70732 Datasheet HTML 12Page - NEC UPD70732 Datasheet HTML 13Page - NEC UPD70732 Datasheet HTML 14Page - NEC UPD70732 Datasheet HTML 15Page - NEC UPD70732 Datasheet HTML 16Page - NEC UPD70732 Datasheet HTML 17Page - NEC UPD70732 Datasheet HTML 18Page - NEC UPD70732 Datasheet HTML 19Page - NEC UPD70732 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
16
µPD70732
3.1.2 Integer
In the V810, all integers are expressed in the two’s-complement binary notation, and are composed of either
8 bits, 16 bits, or 32 bits. Regardless of the data length, bit 0 is the least significant bit, and higher-numbered
bits express higher digits of the integer with the highest bit expressing its sign.
Data Length
Range
Byte
8 bits
–128 to +127
Halfword
16 bits
–32768 to +32767
Word
32 bits
–2147483648 to +2147483647
3.1.3 Unsigned integer
An unsigned integer is either zero or a positive integer unlike the integer explained in section 3.1.2 which can
be negative as well as zero and positive. Unsigned integers are expressed in the binary notation in the same way
as integers, and are either 8 bits, 16 bits, or 32 bits long. Regardless of the data length, the bit assignments are
the same as in the case of integers except that unsigned integers do not include a sign bit; the highest bit is also
a part of the integer.
Data Length
Range
Byte
8 bits
0 to 255
Halfword
16 bits
0 to 65535
Word
32 bits
0 to 4294967295
3.1.4 Bit string
A bit string is a type of data whose bit length is variable from 0 to 232 – 1. To specify a bit-string data, define
the following three attributes.
• A : address of the string data’s first word (lower two bits must be 0.)
• B : in-word bit offset in the string data (0 to 31)
• M : bit length of the string data (0 to 232 – 1)
The above three attributes may vary depending on the bit-string data manipulation direction: upward or
downward, as shown below. The former is the direction from lower addresses to higher addresses while the latter
is the direction from higher to lower addresses.
Attribute
Upward
Downward
First-word address (0s in bits 1 and 0)
A
A + 4
In-word bit offset (0 to 31)
B
D
Bit length (0 to 232 – 1)
M
M
D
A + 8
M– 1
0
A + 4
A (Word boundary)
M
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com