| Electronic Components Datasheet Search |
|
UPD70732 Datasheet(PDF) 32 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD70732 Datasheet(HTML) 32 Page - NEC |
|
32 / 66 page ![]() 32 µPD70732 Table 9-1. Instruction Mnemonics (in alphabetical order) (5/9) Instruction Operand (s) Format CY OV S Z Instruction Function Mnemonic LDSR reg2, regID II * * * * Loading system register: Transfers the word data in the reg2-specified register to the system register specified with the system register number (regID). MOV reg1, reg2 I – – – – Transferring data: Loads the reg2-specified register with the word data in of the reg1-specified register. MOV imm5, reg2 II – – – – Transferring data: Sign-extends the 5-bit immediate data to 32 bits, then loads the reg2-specified register with the extended immediate data. MOVBSU – II – – – – Transferring bit strings: Loads the destination bit string with the source bit string. MOVEA imm16, reg1, reg2 V – – – – Addition: Sign-extends the 16-bit immediate data to 32 bits, adds it with the word data in the reg1-specified register, then stores the addition result into reg2. MOVHI imm16, reg1, reg2 V – – – – Addition: Appends 16-bit zeros below the 16-bit immediate data to form a 32-bit word data, then adds it with the word data in the reg1-specified register, and stores the result into the reg2-specified register. MUL reg1, reg2 I – * * * Signed multiplication: Signed-multiplies the word data in the reg2-specified register by that for reg1, then separates the 64-bit (double-word) result into two 32-bit data, and stores the higher 32 bits into r30 and the lower 32 bits into the reg2-specified register. MULF.S reg1, reg2 VII * 0 * * Floating-point multiplication: Multiplies the single-precision floating-point data in the reg2-specified register by that for reg1, then stores the result into the reg2-specified register while changing flags according to the result. MULU reg1, reg2 I – * * * Unsigned multiplication: Multiplies the word data in the reg2-specified register by that for reg1 while handling these data as unsigned data, then separates the 64-bit (double-word) result into two 32-bit data, and stores the higher 32 bits into r30 and the lower 32 bits into the reg2-specified register. NOP – III – – – – No operation: Makes no changes or operations while spending one instruction cycle. NOT reg1, reg2 I – 0 * * Logical NOT: Obtains the 1’s complement (logical NOT) of the content of the reg1-specified register, then stores the result into the reg2-specified register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |