Electronic Components Datasheet Search
  English  ▼

X  

LT3496 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3496
Description  Triple Output LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3496 Datasheet HTML 3Page - Linear Technology LT3496 Datasheet HTML 4Page - Linear Technology LT3496 Datasheet HTML 5Page - Linear Technology LT3496 Datasheet HTML 6Page - Linear Technology LT3496 Datasheet HTML 7Page - Linear Technology LT3496 Datasheet HTML 8Page - Linear Technology LT3496 Datasheet HTML 9Page - Linear Technology LT3496 Datasheet HTML 10Page - Linear Technology LT3496 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3496

3496ff
PWM1, PWM2, PWM3: Pulse Width Modulated Inputs.
Signal low turns off the respective converter, reduces
quiescent supply current and causes the VC pin for that
converter to become high impedance. PWM pin must not
be left floating; tie to VREF if not used.
VREF: Reference Output Pin. Can supply up to 200µA. The
nominal Output Voltage is 2V.
CTRL1,CTRL2,CTRL3:LEDCurrentAdjustmentPins.Sets
voltage across external sense resistor between CAP and
LED pins of the respective converter. Setting CTRL voltage
to be less than 1V will control the current sense voltage to
beone-tenthofCTRLvoltage.IfCTRLvoltageishigherthan
1V, the default current sense voltage is 100mV. The CTRL
pin must not be left floating.
fADJ: Switching Frequency Adjustment Pin. Setting fADJ
voltage to be less than 1V will adjust switching frequency
up to 2.1MHz. If fADJ voltage is higher than 1V, the default
switching frequency is 2.1MHz. The fADJ pin must not be
left floating.
VC1, VC2, VC3: Error Amplifier Compensation Pins. Con-
nect a series RC from these pins to GND.
OVP1, OVP2, OVP3: Open LED Protection Pins. A voltage
higher than 1V on OVP turns off the internal main switch
of the respective converter. Tie to ground if not used.
TG1, TG2, TG3: The Gate Driver Output Pins for Dis-
connnect P-Channel MOSFETs. One for each converter.
When the PWM pin is low, the TG pin pulls up to CAP to
turn off the external MOSFET. When the PWM pin is high,
the external MOSFET turns on. Respective CAP-TG is
limited to 6.5V to protect the MOSFET. Leave open if the
external MOSFET is not used.
LED1, LED2, LED3: Noninverting Inputs of Current Sense
Error Amplifiers. Connect directly to LED current sense
resistor terminal for current sensing of the respective
converter
CAP1,CAP2,CAP3:InvertingInputsofCurrentSenseError
Amplifiers.ConnectdirectlytootherterminalofLEDcurrent
sense resistor terminal of the respective converter.
SW1, SW2, SW3: Switch Pins. Collector of the internal
NPN power switch of the respective converter. Connect
to external inductor and anode of external Schottky recti-
fier of the respective converter. Minimize the metal trace
area connected to this pin to minimize electromagnetic
interference.
VIN: Input Supply Pin. Must be locally bypassed. Powers
the internal control circuitry.
SHDN: Shutdown Pin. Used to shut down the switching
regulator and the internal bias circuits for all three convert-
ers. Tie to 1.5V or greater to enable the device. Tie below
0.4V to turn off the device.
Exposed Pad: Signal Ground and Power Ground. Solder
paddle directly to ground plane.
pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com