Electronic Components Datasheet Search
  English  ▼

X  

LT3496 Datasheet(PDF) 20 Page - Linear Technology

Part # LT3496
Description  Triple Output LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3496 Datasheet HTML 12Page - Linear Technology LT3496 Datasheet HTML 13Page - Linear Technology LT3496 Datasheet HTML 14Page - Linear Technology LT3496 Datasheet HTML 15Page - Linear Technology LT3496 Datasheet HTML 16Page - Linear Technology LT3496 Datasheet HTML 17Page - Linear Technology LT3496 Datasheet HTML 18Page - Linear Technology LT3496 Datasheet HTML 19Page - Linear Technology LT3496 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT3496
0
3496ff
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 l FAX: (408) 434-0507 l www.linear.com
LINEAR TECHNOLOGY CORPORATION 2007
LT 0510 REV F • PRINTED IN USA
typical application
PART NUMBER
DESCRIPTION
COMMENTS
LT1618
Constant Current, 1.4MHz, 1.5A Boost Converter
VIN: 1.6V to 18V, VOUT(MAX) = 36V, IQ = 1.8mA, ISD < 1µA,
10-Pin MS Package
LT3453
1MHz, 800mA Synchronous Buck-Boost High Power
LED Driver
VIN: 2.7V to 5.5V, VOUT(MAX) = 5.5V, IQ = 2.5mA, ISD < 6µA,
QFN Package
LT3466
Dual Constant Current, 2MHz, High Efficiency White LED
Boost Regulator with Integrated Schottky Diode
VIN: 2.7V to 24V, VOUT(MAX) = 40V, IQ = 5mA, ISD < 16µA, DFN Package
LT3467/LT3467A
1.1A (ISW), 1.3MHz/2.1MHz, High Efficiency Step-Up
DC/DC Converters with Integrated Soft-Start
VIN: 2.4V to 16V, VOUT(MAX) = 40V, IQ = 1.2mA, ISD < 1µA,
ThinSOT™ Package
LT3474
Step-Down 1A 2MHz LED Driver
VIN: 4V to 36V, VOUT(MAX) = 15V, IQ = 2.6mA, ISD < 1µA,
TSSOP Package
LT3475
Dual Step-Down 1.5A, 2mV LED Driver
VIN: 4V to 36V, IQ = 6mA, ISD < 1µA, 20-Lead TSSOPE Package
LT3476
High Current 2MHz Quad 1.5A Output LED Driver
VIN: 2.8V to 16V, VOUT(MAX) = 33.5V, IQ = 5.5mA, ISD < 1µA,
38-Lead 5mm
× 7mm QFN Package
LT3477
3A, 42V, 3MHz Step-Up Regulator with Dual Rail-to-Rail
Current Sense
VIN: 2.5V to 2.5V, VOUT(MAX) = 40V, IQ = 5mA, ISD < 1µA, QFN, 16-Pin
TSSOPE Packages
LT3478/LT3478-1
4.5A, 2.25MHz LED Driver with 3000:1 Ture Color PWM™
Dimming
VIN: 2.8V to 36V, VOUT(MAX) = 40V, IQ = 6.1mA, ISD < 3µA, 16-Pin
TSSOPE Package
LT3479
3A, Full-Featured DC/DC Converter with Soft-Start and
Inrush Current Protection
VIN: 2.5V to 24V, VOUT(MAX) = 40V, IQ = 6.5mA, ISD < 1µA,
DFN, TSSOP Packages
Triple Buck-Boost Mode 100mA
× 6 LED Driver
3000:1 PWM Dimming at 120Hz
PVIN
10V TO 16V
470pF
3496 TA06
SW1
SW2
PVIN
LT3496
GND
SW3
TG1, TG2, TG3
OVP1, OVP2, OVP3
VC1, VC2, VC3
VREF
fADJ
CTRL1, CTRL2, CTRL3
CAP1, CAP2, CAP3
LED1, LED2, LED3
VIN
PWM1, PWM2, PWM3
SHDN
PWM
SHDN
VIN
3V TO 16V
C8
1µF
6 LEDs
100mA
3.9M
100k
OVP3
10k
LED3
TG3
1
L1
10µH
L2
10µH
L3
10µH
CAP3
LED2
1
CAP2
C2
0.1µF
C4
0.1µF
C6
0.1µF
C5
1µF
PVIN
C3
1µF
PVIN
C7
1µF
LED1
D1
D2
D3
1
CAP1
3.9M
100k
OVP2
3.9M
100k
OVP1
C1
2.2µF
6 LEDs
100mA
TG2
TG1
6 LEDs
100mA
M1
M2
M3
C1: MURATA GRM31MR71E225KA93
C2, C4, C6: MURATA GRM21BR71H104KA01B
C3, C5, C7: MURATA GRM31MR71H105KA88
C8: MURATA GRM31MR71E105KA93
D1-D3: DIODES DFLS160
L1-L3: TAIYO YUDEN NP04SZB 100M
M1-M3: ZETEX ZXMP6A13F
PWM
5V/DIV
IL
0.5A/DIV
ILED
0.1A/DIV
0.5µs/DIV
3496 TA06b
relateD parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com