Electronic Components Datasheet Search
  English  ▼

X  

LT3496 Datasheet(PDF) 18 Page - Linear Technology

Part # LT3496
Description  Triple Output LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT3496 Datasheet HTML 12Page - Linear Technology LT3496 Datasheet HTML 13Page - Linear Technology LT3496 Datasheet HTML 14Page - Linear Technology LT3496 Datasheet HTML 15Page - Linear Technology LT3496 Datasheet HTML 16Page - Linear Technology LT3496 Datasheet HTML 17Page - Linear Technology LT3496 Datasheet HTML 18Page - Linear Technology LT3496 Datasheet HTML 19Page - Linear Technology LT3496 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LT3496

3496ff
4.00 0.10
(2 SIDES)
2.50 REF
5.00 0.10
(2 SIDES)
NOTE:
1. DRAWING PROPOSED TO BE MADE A JEDEC PACKAGE OUTLINE MO-220 VARIATION (WXXX-X).
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40 0.10
27
28
1
2
BOTTOM VIEW—EXPOSED PAD
3.50 REF
0.75 0.05
R = 0.115
TYP
R = 0.05
TYP
PIN 1 NOTCH
R = 0.20 OR 0.35
45 CHAMFER
0.25 0.05
0.50 BSC
0.200 REF
0.00 – 0.05
(UFD28) QFN 0506 REV B
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70 0.05
0.25 0.05
0.50 BSC
2.50 REF
3.50 REF
4.10 0.05
5.50 0.05
2.65 0.05
3.10 0.05
4.50 0.05
PACKAGE OUTLINE
2.65 0.10
3.65 0.10
3.65 0.05
package Description
UFD Package
28-Lead Plastic QFN (4mm
× 5mm)
(Reference LTC DWG # 05-08-1712 Rev B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com