Electronic Components Datasheet Search
  English  ▼

X  

LT3496 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3496
Description  Triple Output LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3496 Datasheet HTML 10Page - Linear Technology LT3496 Datasheet HTML 11Page - Linear Technology LT3496 Datasheet HTML 12Page - Linear Technology LT3496 Datasheet HTML 13Page - Linear Technology LT3496 Datasheet HTML 14Page - Linear Technology LT3496 Datasheet HTML 15Page - Linear Technology LT3496 Datasheet HTML 16Page - Linear Technology LT3496 Datasheet HTML 17Page - Linear Technology LT3496 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT3496

3496ff
3000:1 PWM Dimming at 120Hz
PWM
5V/DIV
IL
0.5A/DIV
ILED
0.1A/DIV
0.5µs/DIV
3496 TA03b
typical applications
Triple Boost 100mA
× 10 LED Driver
Efficiency vs PWM Duty Cycle
10 LEDs
C2
1µF
C3
1µF
C4
1µF
PVIN
12V
100mA
825k
20k
OVP1
LED1
TG1
1
470pF
3496 TA03a
L1
10µH
L2
10µH
L3
10µH
CAP1
D1
D2
D3
M1
M2
M3
SW1
SW2
LT3496
GND
SW3
TG1, TG2, TG3
OVP1, OVP2, OVP3
VC1, VC2, VC3
VREF
fADJ
CTRL1, CTRL2, CTRL3
CAP1, CAP2, CAP3
LED1, LED2, LED3
VIN
PWM1, PWM2, PWM3
SHDN
PWM1, PWM2, PWM3
SHDN
VIN
3V
C1: MURATA GRM31MR71C225KA35
C2-C5: MURATA GRM31MR71H105KA88
D1-D3: DIODES DFLS160
L1-L3: TAIYO YUDEN NP04SZB 100M
M1-M3: ZETEX ZXMP6A13F
C5
1µF
10 LEDs
100mA
825k
20k
OVP2
LED2
TG2
1
CAP2
10 LEDs
100mA
825k
20k
OVP3
10k
LED3
TG3
1
CAP3
C1
2.2µF
PWM DUTY CYCLE (%)
0
50
55
65
70
75
40
80
100
95
3496 TA03d
60
20
60
80
85
90
CTRL = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com