Electronic Components Datasheet Search
  English  ▼

X  

LT3496 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3496
Description  Triple Output LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 5 Page - Linear Technology

  LT3496 Datasheet HTML 1Page - Linear Technology LT3496 Datasheet HTML 2Page - Linear Technology LT3496 Datasheet HTML 3Page - Linear Technology LT3496 Datasheet HTML 4Page - Linear Technology LT3496 Datasheet HTML 5Page - Linear Technology LT3496 Datasheet HTML 6Page - Linear Technology LT3496 Datasheet HTML 7Page - Linear Technology LT3496 Datasheet HTML 8Page - Linear Technology LT3496 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3496

3496ff
Quiescent Current
Switch On Voltage
Switch Frequency vs fADJ
Switch Current Limit
vs Duty Cycle
Reference Voltage
vs Temperature
Switch Current Limit vs
Temperature
(TA = 25°C unless otherwise noted)
typical perForMance characteristics
VIN (V)
0
8
10
14
30
3496 G01
6
4
10
20
40
2
0
12
PWM1, PWM2, PWM3 = 5V
PWM1, PWM2, PWM3 = 0V
VC = GND, NOT SWITCHING
SWITCH CURRENT (mA)
0
300
400
500
800
3496 G02
200
100
0
200
400
600
1000
DUTY CYCLE (%)
0
600
800
1000
80
3496 G03
400
200
0
20
40
60
100
–50
25
–25
0
50
75 100 125 150
TEMPERATURE (°C)
800
1000
1200
3496 G04
600
400
200
0
TEMPERATURE (°C)
–50
2.03
25
3496 G05
2.00
1.98
–25
0
50
1.97
1.96
2.04
2.02
2.01
1.99
75 100 125 150
fADJ (V)
0
0
250
750
1000
1250
0.8
2250
3496 G06
500
0.4
0.2
1.0
0.6
1.2
1500
1750
2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com