Electronic Components Datasheet Search
  English  ▼

X  

LT3496 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3496
Description  Triple Output LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3496 Datasheet HTML 2Page - Linear Technology LT3496 Datasheet HTML 3Page - Linear Technology LT3496 Datasheet HTML 4Page - Linear Technology LT3496 Datasheet HTML 5Page - Linear Technology LT3496 Datasheet HTML 6Page - Linear Technology LT3496 Datasheet HTML 7Page - Linear Technology LT3496 Datasheet HTML 8Page - Linear Technology LT3496 Datasheet HTML 9Page - Linear Technology LT3496 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3496

3496ff
VCAP-LED Threshold vs
Temperature
PMOS Turn On Waveforms
PMOS Turn Off Waveforms
(TA = 25°C unless otherwise noted)
typical perForMance characteristics
–50
25
–25
0
50
75 100 125 150
TEMPERATURE (°C)
101
102
103
3496 G10
100
99
98
97
CTRL = 1.2V
VCAP = 24V
5V
0V
PWM
40V
30V
TG
200ns/DIV
VCAP = 40V
3496 G11
200ns/DIV
VCAP = 40V
3496 G12
5V
0V
PWM
40V
30V
TG
Switch Frequency vs Temperature
VCAP-LED Threshold vs CTRL
VCAP-LED Threshold vs VCAP
–50
25
–25
0
50
75 100 125 150
TEMPERATURE (°C)
2.1
2.2
2.3
2.4
3496 G07
2.0
1.9
1.8
fADJ = 1.2V
CTRL (V)
0
0
20
40
60
80
120
0.2
0.4
0.6
0.8
3496 G08
1
1.2
100
VCAP = 24V
VCAP (V)
0
97
98
99
100
101
102
103
10
20
30
40
3496 G09
50
CTRL = 1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com