Electronic Components Datasheet Search
  English  ▼

X  

LT3496 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3496
Description  Triple Output LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3496 Datasheet HTML 7Page - Linear Technology LT3496 Datasheet HTML 8Page - Linear Technology LT3496 Datasheet HTML 9Page - Linear Technology LT3496 Datasheet HTML 10Page - Linear Technology LT3496 Datasheet HTML 11Page - Linear Technology LT3496 Datasheet HTML 12Page - Linear Technology LT3496 Datasheet HTML 13Page - Linear Technology LT3496 Datasheet HTML 14Page - Linear Technology LT3496 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3496

3496ff
Table 1. Ceramic Capacitor Manufacturers
VENDOR
TYPE
SERIES
Taiyo Yuden
Ceramic
X5R, X7R
AVX
Ceramic
X5R, X7R
Murata
Ceramic
X5R, X7R
Kemet
Ceramic
X5R, X7R
Inductor Selection
Several inductors that work well with the LT3496 are listed
in Table 2. However, there are many other manufacturers
and devices that can be used. Consult each manufacturer
for more detailed information and their entire range of
parts. Ferrite core inductors should be used to obtain the
best efficiency. Choose an inductor that can handle the
necessarypeakcurrentwithoutsaturating,andensurethat
the inductor has a low DCR (copper-wire resistance) to
minimize I2R power losses. An inductor with a magnetic
shield should be used to prevent noise radiation and cross
coupling among the three channels.
Diode Selection
The Schottky diode conducts current during the interval
when the switch is turned off. Select a diode VR rated
for the maximum SW voltage. It is not necessary that
the forward current rating of the diode equal the switch
current limit. The average current, IF, through the diode
is a function of the switch duty cycle. Select a diode with
forward current rating of:
IF = IL • (1 – D)
where IL is the inductor current.
If using the PWM feature for dimming, it is important to
consider diode leakage, which increases with the tem-
perature from the output during the PWM low interval.
Therefore, choose the Schottky diode with sufficient low
leakage current. Table 3 shows several Schottky diodes
that work well with the LT3496.
Table 3. Schottky Diodes
PART NUMBER
VR (V)
IF (A)
PACKAGE
ZETEX
ZLLS350
40
0.38
SOD523
ZLLS400
40
0.52
SOD323
applications inForMation
Table 2. Surface Mount Inductors
PART NUMBER
VALUE
(µH)
DCR
(
Ω MAX) IRMS (A)
SIZE
W
× L × H (mm3)
Sumida
CMD4D06
2.2
0.116
0.95
3.5
× 4.3 × 0.8
3.3
0.174
0.77
CDRH3D16
2.2
0.072
1.20
3.8
× 3.8 × 1.8
3.3
0.085
1.10
4.7
0.105
0.90
CDRH4D28
10
0.128
1.00
5.0
× 5.0 × 3.0
15
0.149
0.76
CDRH5D28
22
0.122
0.9
6.0
× 6.0 × 3.0
33
0.189
0.75
CooperET
SD3112
2.2
0.140
0.97
3.1
× 3.1 × 1.2
3.3
0.165
0.90
4.7
0.246
0.74
SD14
10
0.2058
1.1
5.0
× 5.0 × 1.4
SD20
15
0.1655
1.25
5.0
× 5.0 × 2.0
22
0.2053
1.12
SD25
33
0.2149
1.11
5.0
× 5.0 × 2.5
Taiyo Yuden
NR3015
2.2
0.06
1.48
3.0
× 3.0 × 1.5
4.7
0.12
1.02
NP04SZB
4.7
0.075
1.6
4.0
× 4.0 × 1.8
10
0.100
1.2
15
0.180
0.95
22
0.210
0.77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com