Electronic Components Datasheet Search
  English  ▼

X  

LT3496 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3496
Description  Triple Output LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3496 Datasheet HTML 4Page - Linear Technology LT3496 Datasheet HTML 5Page - Linear Technology LT3496 Datasheet HTML 6Page - Linear Technology LT3496 Datasheet HTML 7Page - Linear Technology LT3496 Datasheet HTML 8Page - Linear Technology LT3496 Datasheet HTML 9Page - Linear Technology LT3496 Datasheet HTML 10Page - Linear Technology LT3496 Datasheet HTML 11Page - Linear Technology LT3496 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT3496

3496ff
Figure 1. LT3496 Block Diagram Working in Boost Configuration
block DiagraM
–
+
–
+
+
EAMP
A1
–
+ V1
PWM1
VC
1V
PWM
COMPARATOR
SLOPE
R1 2k
–
+
VSENSE
ILED
LED1
M1
RSENSE 0.2
A8
CTRL
BUFFER
Q3
1V
CTRL1
VC1
Q1
GND
R2
20k
R6
R5
A3
SR LATCH
ISENS2
REPLICATED FOR EACH CHANNEL
SHARED COMPONENTS
S
R
Q
A2
A9
A6
NPN
DRIVER
–
+
A10
A4
A7
MOSFET
DRIVER
A5
VIN
VREF
fADJ
3496 BD
SHDN
OVP1
R3
R4
RC
PWM1
TG1
LED1
CAP1
SW1
D1
L1
VIN
C2
C1
CC
VIN
C3
C4
INTERNAL
REGULATOR
AND UVLO
2V
REFERENCE
RAMP
GENERATOR
OSCILLATOR
Q2
VIN
ISRC
200µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com