Electronic Components Datasheet Search
  English  ▼

X  

LT3496 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3496
Description  Triple Output LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3496 Datasheet HTML 12Page - Linear Technology LT3496 Datasheet HTML 13Page - Linear Technology LT3496 Datasheet HTML 14Page - Linear Technology LT3496 Datasheet HTML 15Page - Linear Technology LT3496 Datasheet HTML 16Page - Linear Technology LT3496 Datasheet HTML 17Page - Linear Technology LT3496 Datasheet HTML 18Page - Linear Technology LT3496 Datasheet HTML 19Page - Linear Technology LT3496 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT3496

3496ff
typical applications
Buck-Boost Mode 300mA
× 6 LED Driver
Triple Buck Mode LED Driver with Open LED Protection
PVIN
10V TO 16V
470pF
OPEN
3496 TA05
SW1
SW2
PVIN
PVIN
LT3496
GND
SW3 TG1
OVP1, OVP2, OVP3
TG1, TG2, TG3
VC1, VC2, VC3
VREF
fADJ
CTRL1, CTRL2, CTRL3
CAP1, CAP2, CAP3
LED1, LED2, LED3
VIN
PWM1, PWM2, PWM3
SHDN
PWM
SHDN
VIN
3V TO 16V
C8
1µF
6 LEDs
300mA
825k
M1
D2
D3
20k
OVP1-3
10k
LED3
1
L1
10µH
L2
10µH
L3
10µH
CAP3
LED2
1
CAP2
D1
C2
0.1µF
C4
0.1µF
C6
0.1µF
C3
1µF
LED1
1
CAP1
C1
2.2µF
C5
1µF
PVIN
C7
1µF
C1: MURATA GRM31MR71E225KA93
C2, C4, C6: MURATA GRM21BR71H104KA01B
C3, C5, C7: MURATA GRM31MR71H105KA88
C8: MURATA GRM31MR71E105KA93
D1-D3: DIODES DFLS160
L1-L3: TAIYO YUDEN NP04SZB 100M
M1: ZETEX ZXMP6A13F
0.5A
C4
0.47µF
C5
0.47µF
C6
0.47µF
D1
D2
D3
5.6k
5.6k
20k
20k
2k
2k
LED1
M1
M2
M3
200m
200m
TG1
PVIN
12V TO 40V
L1
10µH
L2
10µH
L3
10µH
M4
OVP1
OVP2
M5
M6
CAP1
0.5A
LED2
TG2
CAP2
0.5A
LED3
C1-C3
1µF
3
200m
470pF
3496 TA02
TG3
CAP3
SW1
SW2
LT3496
GND
SW3
TG1, TG2, TG3
OVP1, OVP2, OVP3
VC1, VC2, VC3
VREF
fADJ
CTRL1, CTRL2, CTRL3
CAP1, CAP2, CAP3
LED1, LED2, LED3
VIN
PWM1, PWM2, PWM3
SHDN
PWM1, PWM2, PWM3
SHDN
VIN
3V TO 24V
C7
1µF
5.6k
20k
2k
22k
OVP1
C1-C3, C7: MURATA GRM31MR71H105KA88
C4-C6: MURATA GRM188R71C474KA88
D1-D3: DIODES DFLS160
L1-L3: TAIYO YUDEN NP04SZB 100M
M1-M3: ZETEX ZXMP6A13F
M4-M6: PHILIPS BC858B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com