Electronic Components Datasheet Search
  English  ▼

X  

UM0851 Datasheet(PDF) 163 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 163 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 159Page - STMicroelectronics UM0851 Datasheet HTML 160Page - STMicroelectronics UM0851 Datasheet HTML 161Page - STMicroelectronics UM0851 Datasheet HTML 162Page - STMicroelectronics UM0851 Datasheet HTML 163Page - STMicroelectronics UM0851 Datasheet HTML 164Page - STMicroelectronics UM0851 Datasheet HTML 165Page - STMicroelectronics UM0851 Datasheet HTML 166Page - STMicroelectronics UM0851 Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 245 page
background image
UM0851
Accelerator engine device drivers
Doc ID 16604 Rev 2
163/245
Figure 42.
DMAC block diagram
The SPEAr family uses the ARM PL080 DMA controller, which is connected to the AHB bus.
Its main features are:
●
Eight DMA channels. Each channel can support a unidirectional transfer.
●
16 DMA requests. The DMAC provides 16 peripheral DMA request lines.
●
Single DMA and burst DMA request signals. Each peripheral connected to the DMAC
can assert either a burst DMA request or a single DMA request. You set the DMA burst
size by programming the DMAC.
●
Memory-to-memory, memory-to-peripheral, peripheral-to-memory, and peripheral-to-
peripheral transfers.
●
Scatter or gather DMA support through the use of linked lists.
●
Hardware DMA channel priority. Each DMA channel has a specific hardware priority.
DMA channel 0 has the highest priority and channel 7 has the lowest priority. If
Channel0
Channel1
DMA request
and response
block
AHB slave
interface
Channel7
AHB bus
AHB Master 1
AHB Master 2
AHB
Mast.
I/F
AHB
Mast.
I/F
DMACCLR[15:0]
DMACTC[15:0]
DMACSREQ[15:0]
DMACBREQ[15:0]
DMACLSREQ[15:0]
DMACLBREQ[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com