Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 22 Page - NEC

Part # UPD75P218KB
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P218KB Datasheet(HTML) 22 Page - NEC

Back Button UPD75P218KB Datasheet HTML 18Page - NEC UPD75P218KB Datasheet HTML 19Page - NEC UPD75P218KB Datasheet HTML 20Page - NEC UPD75P218KB Datasheet HTML 21Page - NEC UPD75P218KB Datasheet HTML 22Page - NEC UPD75P218KB Datasheet HTML 23Page - NEC UPD75P218KB Datasheet HTML 24Page - NEC UPD75P218KB Datasheet HTML 25Page - NEC UPD75P218KB Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
22
µPD75P218
AC Timing Test Points (Except X1, XT1)
0.75 VDD
0.2 VDD
0.75 VDD
0.2 VDD
Test points
Clock Timing
tXL
1/fX
tXH
VDD – 0.4 V
0.4 V
X1 input
tXTL
1/fXT
tXTH
VDD – 0.4 V
0.4 V
XT1 input
TI0 Timing
tTIL
1/fT1
tTIH
TI0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com