Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 11 Page - NEC

Part # UPD75P218KB
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P218KB Datasheet(HTML) 11 Page - NEC

Back Button UPD75P218KB Datasheet HTML 7Page - NEC UPD75P218KB Datasheet HTML 8Page - NEC UPD75P218KB Datasheet HTML 9Page - NEC UPD75P218KB Datasheet HTML 10Page - NEC UPD75P218KB Datasheet HTML 11Page - NEC UPD75P218KB Datasheet HTML 12Page - NEC UPD75P218KB Datasheet HTML 13Page - NEC UPD75P218KB Datasheet HTML 14Page - NEC UPD75P218KB Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
µPD75P218
3.2
16K-BYTE MODE AND 32K-BYTE MODE SWITCHING
16K-byte mode and 32K-byte mode are switched by the stack bank selection register. The stack bank selection
register format is shown in Fig. 3-1.
The stack bank selection register is set by 4-bit memory manipulation instruction. RESET input sets bit 3 of the
stack bank selection register to “1” and changes from 32K-byte mode to 16K-byte mode. When 16K-byte mode is
used, manipulating the stack bank selection register is unnecessary. When 32K-byte mode is used, the stack bank
selection register must always be initialized to 00
××B Note 1 at the beginning of the program.
Fig. 3-1 Stack Bank Selection Register Format
Stack area specification
0
0
Memory bank 0
0
1
Memory bank 1
1
0
Memory bank 2
1
1
Memory bank 3
0
Be sure to write 0 to bit 2.
0
32K-byte mode
1
16K-byte mode Note 2
Mode change specification
SBS0
SBS1
SBS2
SBS3
0
1
2
3
SBS
Symbol
F84H
Address
Caution When using 32K-byte mode, execute a subroutine call instruction and an interrupt enable instruc-
tion after the stack bank selection register is set after RESET input.
Notes 1. Set the desired value in
××.
2. When the 16K-byte mode is used after RESET input, the stack bank selection register does not have
to be manipulated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com