Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 29 Page - NEC

Part # UPD75P218KB
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P218KB Datasheet(HTML) 29 Page - NEC

Back Button UPD75P218KB Datasheet HTML 25Page - NEC UPD75P218KB Datasheet HTML 26Page - NEC UPD75P218KB Datasheet HTML 27Page - NEC UPD75P218KB Datasheet HTML 28Page - NEC UPD75P218KB Datasheet HTML 29Page - NEC UPD75P218KB Datasheet HTML 30Page - NEC UPD75P218KB Datasheet HTML 31Page - NEC UPD75P218KB Datasheet HTML 32Page - NEC UPD75P218KB Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
29
µPD75P218
A
B
T
U
I M
K
Q
64
H
J
1
R
X64KW-100A-2
ITEM
MILLIMETERS
INCHES
NOTE
Each lead centerline is located within 0.10
mm (0.004 inch) of its true position (T.P.) at
maximum material condition.
A
B
C
D
E
F
G
H
I
J
K
Q
R
S
T
U
W
20.0±0.4
19.0
13.2
14.0±0.4
1.64
2.14
3.556 MAX.
0.7±0.10
0.10
1.0 (T.P.)
1.0±0.2
C 0.25
1.0
1.0
R 3.0
12.0
0.8±0.2
0.787
0.748
0.520
0.551±0.016
0.065
0.084
0.140 MAX.
0.028
0.004
0.039 (T.P.)
0.039
C 0.010
0.039
0.039
R 0.118
0.472
0.031
+0.017
–0.016
+0.004
–0.005
+0.009
–0.008
+0.009
–0.008
64 PIN CERAMIC WQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com