Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 20 Page - NEC

Part # UPD75P218KB
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P218KB Datasheet(HTML) 20 Page - NEC

Back Button UPD75P218KB Datasheet HTML 16Page - NEC UPD75P218KB Datasheet HTML 17Page - NEC UPD75P218KB Datasheet HTML 18Page - NEC UPD75P218KB Datasheet HTML 19Page - NEC UPD75P218KB Datasheet HTML 20Page - NEC UPD75P218KB Datasheet HTML 21Page - NEC UPD75P218KB Datasheet HTML 22Page - NEC UPD75P218KB Datasheet HTML 23Page - NEC UPD75P218KB Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
20
µPD75P218
Conditions
Main system
clock
Subsystem
clock
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V
Parameter
Note 1
CPU clock cycle time
(minimum instruction execu-
tion time = 1 machine cycle)
TI0 input frequency
TI0 input low- and high-level
width
SCK cycle time
SCK low- and high-level width
SI setup time (to SCK
↑)
SI hold time (from SCK
↑)
SCK
↓ → SO output delay
time
Interrupt inputs
low- and high-level width
RESET low-level width
AC Characteristics (Ta = –40 to +70 ˚C, V DD = 2.7 to 6.0 V)
MAX.
32
32
125
0.6
165
300
1000
Unit
µs
µs
µs
MHz
kHz
µs
µs
µs
µs
µs
µs
µs
ns
µs
ns
ns
ns
ns
ns
µs
µs
µs
µs
TYP.
122
MIN.
0.67
2.6
114
0
0
0.83
3
0.8
0.95
3.2
3.8
0.4
tKCY/2–50
1.6
tKCY/2–150
100
400
Note 2
2tCY
10
10
Symbol
tCY
fTI
tTIH,
tTIL
tKCY
tKH,
tKL
tSIK
tKSI
tKSO
tINTH,
tINTL
tRSL
VDD = 4.5 to 6.0 V
Input
Output
Input
Output
Input
Output
Input
Output
INT0
INT1
INT2,4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com