Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 16 Page - NEC

Part # UPD75P218KB
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P218KB Datasheet(HTML) 16 Page - NEC

Back Button UPD75P218KB Datasheet HTML 12Page - NEC UPD75P218KB Datasheet HTML 13Page - NEC UPD75P218KB Datasheet HTML 14Page - NEC UPD75P218KB Datasheet HTML 15Page - NEC UPD75P218KB Datasheet HTML 16Page - NEC UPD75P218KB Datasheet HTML 17Page - NEC UPD75P218KB Datasheet HTML 18Page - NEC UPD75P218KB Datasheet HTML 19Page - NEC UPD75P218KB Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
16
µPD75P218
5.
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (Ta = 25 ˚C)
Parameter
Power supply voltage
Input voltage
Output voltage
High-level output
current
Low-level output
current
Operating temperature
Storage temperature
Symbol
VDD
VLOAD
VPP
VI
VO
VOD
IOH
IOL
Topt
Tstg
Conditions
Other than display pins
Display pins
Single pin; other than display pins
Single pin; S0 - S9
Single pin; T0 - T15
Total of all pins other than display
Total of all display pins
Single pin
Total of all pins
Unit
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
˚C
˚C
Ratings
–0.3 to +7.0
VDD – 40 to VDD + 0.3
–0.3 to +13.5
–0.3 to VDD + 0.3
–0.3 to VDD + 0.3
VDD – 40 to VDD + 0.3
–15
–15
–30
–20
–120
17
60
–40 to +70
–65 to +150
Operating Power Supply Voltage (Ta = –40 to +70 ˚C)
Parameter
CPU Note 1
Display controller
Timer/pulse generator
Other hardwares Note 1
Conditions
MIN.
Note 2
4.5
4.5
2.7
Unit
V
V
V
V
MAX.
6.0
6.0
6.0
6.0
Notes 1. The CPU does not include the system clock oscillator, the display controller, or the timer/pulse
generator.
2. Varies according to the cycle time. See AC Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com