Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 10 Page - NEC

Part # UPD75P218KB
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P218KB Datasheet(HTML) 10 Page - NEC

Back Button UPD75P218KB Datasheet HTML 6Page - NEC UPD75P218KB Datasheet HTML 7Page - NEC UPD75P218KB Datasheet HTML 8Page - NEC UPD75P218KB Datasheet HTML 9Page - NEC UPD75P218KB Datasheet HTML 10Page - NEC UPD75P218KB Datasheet HTML 11Page - NEC UPD75P218KB Datasheet HTML 12Page - NEC UPD75P218KB Datasheet HTML 13Page - NEC UPD75P218KB Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
µPD75P218
3.
16K-BYTE MODE/32K-BYTE MODE SWITCHING FUNCTION
16K-byte mode or 32K-byte mode can be selected by setting the stack bank selection register (SBS).
The
µPD75P218 can then be used to evaluate the µPD75216A, µPD75217, and µPD75218.
3.1
DIFFERENCES BETWEEN 16K-BYTE MODE AND 32K-BYTE MODE
Table 3-1 16K-byte Mode and 32K-byte Mode Differences
Item
Stack operation at subroutine call
instruction execution
Stack area
CALL instruction
TCALL instruction by GETI
CALLF instruction
BRA instruction
CALLA instruction
Program counter bit 14
Corresponding mask ROM version
32K-byte Mode
3-byte stack
Bank 0 to bank 3
4 machine cycles
3 machine cycles
Normal operation
Corresponds to branch instruction,
call instruction
µPD75217 (S-DIP, QFP)
µPD75218 (S-DIP, QFP)
16K-byte Mode
2-byte stack
Bank 0
3 machine cycles
2 machine cycles
Undefined operation
0 fixed
µPD75216A (S-DIP, QFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com