Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 32 Page - NEC

Part # UPD75P218KB
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P218KB Datasheet(HTML) 32 Page - NEC

Back Button UPD75P218KB Datasheet HTML 28Page - NEC UPD75P218KB Datasheet HTML 29Page - NEC UPD75P218KB Datasheet HTML 30Page - NEC UPD75P218KB Datasheet HTML 31Page - NEC UPD75P218KB Datasheet HTML 32Page - NEC UPD75P218KB Datasheet HTML 33Page - NEC UPD75P218KB Datasheet HTML 34Page - NEC UPD75P218KB Datasheet HTML 35Page - NEC UPD75P218KB Datasheet HTML 36Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
32
µPD75P218
Debugging tools
Hardware
Software
IE-75000-R Note 1
IE-75000-R-EM Note 2
IE-75001-R
EP-75216ACW-R
EP-75216AGF-R
EV-9200G-64
IE control program
The IE-75000-R is an in-circuit emulator available for the 75X series.
This emulator is used together with the emulation probe to develop
application systems of the
µPD75P218. For efficient debugging, the emula-
tor is connected to the host machine and PROM programmer.
The IE-75000-R-EM is an emulation board for the IE-75000-R and IE-75001-R.
The IE-75000-R contains the emulation board. The emulation board is used
together with the IE-75000-R or IE75001-R to evaluate the
µPD75P218.
The IE-75001-R is an in-circuit emulator available for the 75X series.
This emulator is used together with the IE-75000-R-EMNote 2 emulation
board and emulation probe to develop application systems of the
µPD75P218. For efficient debugging, the emulator is connected to the host
machine and PROM programmer.
Emulation probe for the
µPD75P218CW.
Connect this probe to the IE-75000-R or IE-75001-R for use.
Emulation probe for the
µPD75P218GF. Connect this probe to the
IE-75000-R or IE-75001-R for use.
A 64-pin conversion socket, the EV-9200G-64, attached to the probe
facilitates the connection of the probe with the user system.
This program enables the host machine to control the IE-75000-R or
IE-75001-R on the host machine through the RS-232-C interface.
Distribution media
3.5-inch 2HD
5-inch 2HD
5-inch 2HC
Part number
µS5A13IE75X
µS5A10IE75X
µS7B10IE75X
OS
MS-DOS
Ver. 3.10
to
Ver. 3.30C
PC DOS
(Ver. 3.1)
Host machine
PC-9800 series
IBM PC series
Notes 1. Provided only for maintenance purposes.
2. The IE-75000-R-EM is an option.
Remark NEC is not responsible for the operation of the IE control program and assembler unless it runs on
any host machine with the operation system listed above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com