Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 25 Page - NEC

Part # UPD75P218KB
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P218KB Datasheet(HTML) 25 Page - NEC

Back Button UPD75P218KB Datasheet HTML 21Page - NEC UPD75P218KB Datasheet HTML 22Page - NEC UPD75P218KB Datasheet HTML 23Page - NEC UPD75P218KB Datasheet HTML 24Page - NEC UPD75P218KB Datasheet HTML 25Page - NEC UPD75P218KB Datasheet HTML 26Page - NEC UPD75P218KB Datasheet HTML 27Page - NEC UPD75P218KB Datasheet HTML 28Page - NEC UPD75P218KB Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
25
µPD75P218
Cautions 1.
VPP must not exceed +13.5 V, including overshoot.
2.
VDD is to be applied prior to VPP and to be removed after VPP is removed.
AC Programming Characteristics (Ta = 25
± 5 ˚C, V DD = 6.0 ± 0.25 V, VPP = 12.5 ± 0.3 V, VSS = 0 V)
DC Programming Characteristics (Ta = 25
± 5 ˚C, V DD = 6.0 ± 0.25 V, VPP = 12.5 ± 0.3 V, VSS = 0 V)
Parameter
High-level input voltage
Low-level input voltage
Input leakage current
High-level output voltage
Low-level output voltage
VDD power supply current
VPP power supply current
Conditions
All except X1, X2
X1, X2
All except X1, X2
X1, X2
VIN = VIL or VIH
IOH = –1 mA
IOL = 1.6 mA
MD0 = VIL, MD1 = VIH
MIN.
0.7VDD
VDD – 0.5
0
0
VDD – 1.0
Unit
V
V
V
V
µA
V
V
mA
mA
MAX.
VDD
VDD
0.3VDD
0.4
10
0.4
30
30
TYP.
Symbol
VIH1
VIH2
VIL1
VIL2
ILI
VOH
VOL
IDD
IPP
Parameter
Address setup time Note 2 (to MD0
↓)
MD1 setup time
(to MD0
↓)
Data setup time
(to MD0
↓)
Address hold time Note 2 (from MD0
↑)
Data hold time
(from MD0
↑)
MD0
↑ → data output float delay time
VPP setup time
(to MD3
↑)
VDD setup time
(to MD3
↑)
Initialized program pulse width
Additional program pulse width
MD0 setup time
(to MD1
↑)
MD0
↓ → data output delay time
MD1 hold time
(to MD0
↑)
MD1 recovery time
(from MD0
↓)
Program counter reset time
X1 input low- and high-level width
X1 input frequency
Initial mode set time
MD3 setup time
(to MD1
↑)
MD3 hold time
(from MD1
↓)
MD3 setup time
(to MD0
↓)
Address Note 2
→ Data output delay time
Address Note 2
→ Data output hold time
MD3 hold time
(from MD0
↑)
MD3
↓ → Data output float delay time
TYP.
1.0
MAX.
130
1.05
21.0
1
4.19
130
Unit
µs
µs
µs
µs
µs
ns
µs
µs
ms
ms
µs
µs
µs
µs
µs
µs
MHz
µs
µs
µs
µs
µs
ns
µs
µs
MIN.
2
2
2
2
2
0
2
2
0.95
0.95
2
2
2
10
0.125
2
2
2
2
2
0
2
2
Conditions
MD0 = MD1 = VIL
tM1H + tM1R
≥ 50
µs
During program read cycle
During program read cycle
During program read cycle
During program read cycle
During program read cycle
Note 1
tAS
tOES
tDS
tAH
tDH
tDF
tVPS
tVCS
tPW
tOPW
tCES
tDV
tOEH
tOR
–
–
–
–
–
–
–
tACC
tOH
–
–
Symbol
tAS
TM1S
tDS
TAH
tDH
tDF
tVPS
tVDS
tPW
tOPW
tM0S
tDV
tM1H
tM1R
tPCR
tXH, tXL
fX
tI
tM3S
tM3H
tM3SR
tDAD
tHAD
tM3HR
tDFR
Notes 1. These symbols correspond to those of the
µPD27C256A.
2. The internal address signal is incremented by the rising edge of the fourth X1 pulse; it is not
connected to an external pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com