Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 24 Page - NEC

Part # UPD75P218KB
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P218KB Datasheet(HTML) 24 Page - NEC

Back Button UPD75P218KB Datasheet HTML 20Page - NEC UPD75P218KB Datasheet HTML 21Page - NEC UPD75P218KB Datasheet HTML 22Page - NEC UPD75P218KB Datasheet HTML 23Page - NEC UPD75P218KB Datasheet HTML 24Page - NEC UPD75P218KB Datasheet HTML 25Page - NEC UPD75P218KB Datasheet HTML 26Page - NEC UPD75P218KB Datasheet HTML 27Page - NEC UPD75P218KB Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
24
µPD75P218
Data Memory STOP Mode Low Voltage Data Retention Characteristics (Ta = –40 to +70 ˚C)
Parameter
Data retention voltage
Data retention current Note 1
Release signal SET time
Oscillation stabilization time Note 2
Unit
V
µA
µs
ms
ms
MAX.
6.0
10
TYP.
0.1
217/fx
Note 3
MIN.
2.0
0
Conditions
VDDDR = 2.0 V
Release by RESET input
Release by interrupt request
Symbol
VDDDR
IDDDR
tSREL
tWAIT
Notes 1. Does not include pull-down resistor current.
2. The oscillation stabilization WAIT time is the time during which the CPU operation is stopped to
prevent unstable operation while the oscillation is started.
3. The WAIT time depends on the setting of the basic interval timer mode register (BTM) according to
the following table.
BTM3
BTM2
BTM1
BTM0
–
000
–
011
–
101
–
111
WAIT time
(fXX = 6.0 MHz)
(fXX = 4.19 MHz)
220/fXX (approx. 175 ms)
220/fXX (approx. 250 ms)
217/fXX (approx. 21.8 ms)
217/fXX (approx. 31.3 ms)
215/fXX (approx. 5.46 ms)
215/fXX (approx. 7.82 ms)
213/fXX (approx. 1.37 ms)
213/fXX (approx. 1.95 ms)
Data Retention Timing (STOP mode is released by RESET input)
Data retention mode
STOP mode
VDDDR
tSREL
tWAIT
Internal reset
operation
HALT mode
Operation
mode
Execution of
STOP instruction
VDD
RESET
Data Retention Timing (STOP mode is released by interrupt signal)
Data retention mode
STOP mode
VDDDR
tSREL
tWAIT
HALT mode
Operation
mode
Execution of
STOP mode
VDD
Standby release signal
(Interrupt request)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com