Electronic Components Datasheet Search
  English  ▼

X  

CPTL Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # CPTL
Description  CPTD type are bare disc type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CPTL Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  CPTL Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Rev. 7a
Ceramic PTC Thermistor
Overload Protection
MERITEK
CPTL / CPTD Series
RoHS
24VAC / 140°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
℃
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL056R0
□A424
140±10
6.0
270
540
24
2.5
7.0
5.0
0.6
10.5
CPTL05130
□A424
13
180
360
24
1.7
7.0
5.0
0.6
10.5
CPTL073R0
□A424
3.0
410
820
24
4.5
9.0
5.0
0.6
12.5
CPTL075R0
□A424
5.0
320
640
24
3.5
9.0
5.0
0.6
12.5
CPTL081R9
□A424
1.9
540
1080
24
6.0
10.0
5.0
0.6
13.5
CPTL082R5
□A424
2.5
470
940
24
5.0
10.0
5.0
0.6
13.5
CPTL101R3
□A424
1.3
700
1400
24
8.0
12.0
5.0
0.6
15.5
CPTL101R7
□A424
1.7
610
1220
24
7.0
12.0
5.0
0.6
15.5
CPTL120R9
□A424
0.9
920
1840
24
11.0
14.0
5.0
0.6
17.5
CPTL121R1
□A424
1.1
830
1660
24
10.0
14.0
5.0
0.6
17.5
CPTL160R5
□A424
0.5
1390
2780
24
16.0
17.5
5.0
0.6
21.5
CPTL160R7
□A424
0.7
1170
2340
24
13.5
17.5
5.0
0.6
21.5
CPTL200R3
□A424
0.3
2050
4100
24
23.0
22
5.0
0.6
25.5
CPTL200R4
□A424
0.4
1770
3540
24
20.0
22
5.0
0.6
25.5
Note:
□=Tolerance of R25
42VAC / 80°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
℃
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL06150
□P842
80±10
15
60
230
42
1.5
8.0
4.0
0.6
11.5
CPTL06220
□P842
22
45
220
42
1.1
8.0
4.0
0.6
11.5
CPTL06330
□P842
33
40
180
42
0.9
8.0
4.0
0.6
11.5
CPTL06470
□P842
47
35
150
42
0.7
8.0
4.0
0.6
11.5
CPTL06560
□P842
56
30
140
42
0.7
8.0
4.0
0.6
11.5
Note:
□=Tolerance of R25
42VAC / 160°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
℃
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL03510
□A642
160±10
51
55
165
42
0.6
5.0
4.0
0.5
8.5
CPTL05240
□A642
24
95
285
42
1.0
7.0
4.0
0.6
10.5
CPTL089R1
□A642
9.1
175
525
42
3.0
10
4.0
0.6
13.5
CPTL095R1
□A642
5.1
290
870
42
4.5
11
4.0
0.6
14.5
CPTL113R6
□A642
3.6
360
1080
42
5.0
13.5
4.0
0.6
16.5
Note:
□=Tolerance of R25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com