Electronic Components Datasheet Search
  English  ▼

X  

CPTL Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # CPTL
Description  CPTD type are bare disc type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CPTL Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  CPTL Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Rev. 7a
Ceramic PTC Thermistor
Overload Protection
MERITEK
CPTL / CPTD Series
RoHS
CPTL Series
12VAC / 120°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL04130
□A212
120±10
13
120
240
12
0.7
6.5
3.5
0.6
10.5
CPTL054R6
□A212
4.6
250
500
12
1.0
7.0
3.5
0.6
10.5
CPTL081R8
□A212
1.8
450
900
12
3.0
10.0
3.5
0.6
13.5
CPTL091R0
□A212
1.0
410
1120
12
3.0
11.0
3.5
0.6
14.5
CPTL091R4
□A212
1.4
350
1060
12
3.0
11.0
3.5
0.6
14.5
CPTL101R2
□A212
1.2
600
1200
12
4.3
12.0
3.5
0.6
15.5
CPTL120R8
□A212
0.8
850
1700
12
5.5
14.0
3.5
0.6
17.5
CPTL140R4
□A212
0.4
950
2700
12
5.0
16.0
3.5
0.6
19.5
CPTL140R5
□A212
0.5
870
2450
12
5.0
16.0
3.5
0.6
19.5
CPTL140R9
□A212
0.9
430
1210
12
5.0
16.0
3.5
0.6
19.5
CPTL160R5
□A212
0.5
1300
2600
12
8.0
17.5
5.0
0.6
21.5
CPTL200R3
□A212
0.3
1800
3600
12
10.0
22.0
5.0
0.6
25.5
Note:
□=Tolerance of R25
24VAC / 80°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL077R0
□P824
80±10
7.0
90
360
24
2.0
9.0
3.5
0.6
12.5
CPTL07100
□P824
10.0
80
330
24
2.0
9.0
3.5
0.6
12.5
CPTL083R0
□P824
3.0
145
570
24
2.0
10.0
3.5
0.6
13.5
CPTL092R0
□P824
2.0
185
720
24
2.0
11.0
3.5
0.6
14.5
Note:
□=Tolerance of R25
24VAC / 120°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL084R7
□A224
120±10
4.7
295
700
24
3.5
10.0
3.5
0.6
13.5
CPTL103R9
□A224
3.9
340
800
24
4.3
12.0
3.5
0.6
15.5
CPTL143R3
□A224
3.3
420
980
24
5.0
16.0
3.5
0.6
19.5
Note:
□=Tolerance of R25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com