Electronic Components Datasheet Search
  English  ▼

X  

CPTL Datasheet(PDF) 8 Page - MERITEK ELECTRONICS CORPORATION

Part # CPTL
Description  CPTD type are bare disc type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CPTL Datasheet(HTML) 8 Page - MERITEK ELECTRONICS CORPORATION

Back Button CPTL Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 11Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 12Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Rev. 7a
Ceramic PTC Thermistor
Overload Protection
MERITEK
CPTL / CPTD Series
RoHS
220VAC / 120°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
℃
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL03151
□A2B2
120±10
150
30
90
220
0.3
5.0
5.0
0.5
8.5
CPTL03302
□A2B2
3000
9
18
220
0.2
5.0
5.0
0.5
8.5
CPTL04381
□A2B2
380
35
70
220
0.25
6.5
5.0
0.6
10.5
CPTL04561
□A2B2
560
30
60
220
0.2
6.5
5.0
0.6
10.5
CPTL04851
□A2B2
850
25
50
220
0.16
6.5
5.0
0.6
10.5
CPTL04122
□A2B2
1200
20
40
220
0.13
6.5
5.0
0.6
10.5
CPTL04192
□A2B2
1900
15
30
220
0.11
6.5
5.0
0.6
10.5
CPTL05750
□A2B2
75
50
150
220
0.5
7.0
5.0
0.6
10.5
CPTL05181
□A2B2
180
29
70
220
0.3
7.0
5.0
0.6
10.5
CPTL06121
□A2B2
120
35
100
220
0.4
8.0
5.0
0.6
11.5
CPTL06201
□A2B2
200
50
100
220
0.35
8.0
5.0
0.6
11.5
CPTL06281
□A2B2
280
45
90
220
0.29
8.0
5.0
0.6
11.5
CPTL07560
□A2B2
56
60
200
220
0.8
9.0
5.0
0.6
12.5
CPTL07820
□A2B2
82
60
160
220
0.5
9.0
5.0
0.6
12.5
CPTL08240
□A2B2
24
100
300
220
1.1
10
5.0
0.6
13.5
CPTL08360
□A2B2
36
85
250
220
1.0
10
5.0
0.6
13.5
CPTL08390
□A2B2
39
75
240
220
1.0
10
5.0
0.6
13.5
CPTL08500
□A2B2
50
105
210
220
0.73
10
5.0
0.6
13.5
CPTL08510
□A2B2
51
65
195
220
1.0
10
5.0
0.6
13.5
CPTL08620
□A2B2
62
55
165
220
1.0
10
5.0
0.6
13.5
CPTL08720
□A2B2
72
90
180
220
0.6
10
5.0
0.6
13.5
CPTL09160
□A2B2
16
150
450
220
1.5
11
5.0
0.6
14.5
CPTL10150
□A2B2
15
140
280
220
1.5
12
5.0
0.6
15.5
CPTL10260
□A2B2
26
155
310
220
1.1
12
5.0
0.6
15.5
CPTL10390
□A2B2
39
100
250
220
1.2
12
5.0
0.6
15.5
CPTL11110
□A2B2
11
200
600
220
2.2
13.5
5.0
0.6
16.5
CPTL12100
□A2B2
10
230
650
220
2.3
14
5.0
0.6
17.5
CPTL12140
□A2B2
14
230
460
220
1.7
14
5.0
0.6
17.5
CPTL12200
□A2B2
20
195
390
220
1.3
14
5.0
0.6
17.5
CPTL12270
□A2B2
27
120
350
220
1.5
14
5.0
0.6
17.5
CPTL14180
□A2B2
18
180
450
220
1.8
16
5.0
0.6
19.5
CPTL156R2
□A2B2
6.2
320
960
220
4.0
17.5
5.0
0.6
21.5
CPTL168R0
□A2B2
8.0
350
700
220
2.5
17.5
5.0
0.6
21.5
CPTL230R6
□A2B2
3.6
460
1380
220
7.0
22
5.0
0.6
25.5
CPTL205R0
□A2B2
5.0
505
1010
220
3.6
22
5.0
0.6
25.5
CPTL207R0
□A2B2
7.0
425
850
220
3.0
22
5.0
0.6
25.5
CPTL242R4
□A2B2
2.4
660
1980
220
10.5
26
5.0
0.8
29.5
Note:
□=Tolerance of R25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com