Electronic Components Datasheet Search
  English  ▼

X  

CPTL Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # CPTL
Description  CPTD type are bare disc type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CPTL Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  CPTL Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Rev. 7a
Ceramic PTC Thermistor
Overload Protection
MERITEK
CPTL / CPTD Series
RoHS
DIMENSIONS
CHARACTERISTICS
CPTD Series
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at
40°C
Trip Current at
25°C
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
CPTD
08120□P6B2
60±10
12
80
200
220
2
8±0.5
1.5~2.2
CPTD
08150□P6B2
15
80
190
220
2
8±0.5
1.5~2.2
CPTD
08180□P6B2
18
80
180
220
2
8±0.5
1.5~2.2
CPTD
08100□P9B2
90±10
10
110
250
220
2
8±0.5
1.5~2.2
CPTD0812
0□P9B2
12
110
250
220
2
8±0.5
1.5~2.2
CPTD
08150□P9B2
15
110
240
220
2
8±0.5
1.5~2.2
CPTD
08180□P9B2
18
110
240
220
2
8±0.5
1.5~2.2
CPTD
06180□A0B2
100±10
18
110
200
220
2
6.5±0.5
1.5~2.2
CPTD
05180□A1B2
110±10
18
110
200
220
2
5.5±0.5
1.5~2.2
Note:
□=Tolerance of R25
CPTD Series
CPTL Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com