Electronic Components Datasheet Search
  English  ▼

X  

CPTL Datasheet(PDF) 9 Page - MERITEK ELECTRONICS CORPORATION

Part # CPTL
Description  CPTD type are bare disc type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CPTL Datasheet(HTML) 9 Page - MERITEK ELECTRONICS CORPORATION

Back Button CPTL Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 11Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 12Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 13Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Rev. 7a
Ceramic PTC Thermistor
Overload Protection
MERITEK
CPTL / CPTD Series
RoHS
220VAC / 130°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
℃
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL04161
□A3B2
130±10
160
55
90
220
0.2
6.5
5.0
0.6
10.5
CPTL05500
□A3B2
50
100
150
220
0.4
7.0
5.0
0.6
10.5
CPTL08250
□A3B2
25
140
230
220
1.0
10
5.0
0.6
13.5
CPTL10130
□A3B2
13
200
320
220
1.5
12
5.0
0.6
15.5
CPTL129R0
□A3B2
9.0
330
500
220
2.2
14
5.0
0.6
17.5
CPTL165R0
□A3B2
5.0
450
680
220
4.1
17.5
5.0
0.6
21.5
CPTL203R5
□A3B2
3.5
650
980
220
7.0
22
5.0
0.6
25.5
Note:
□=Tolerance of R25
220VAC / 140°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
℃
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL03181
□A4B2
140±10
150
15
60
220
0.3
5.0
5.0
0.5
8.5
CPTL05560
□A4B2
68
35
110
220
0.5
7.0
5.0
0.6
10.5
CPTL05750
□A4B2
36
45
180
220
0.7
9.0
5.0
0.6
12.5
CPTL05850
□A4B2
22
65
195
220
1.2
10
5.0
0.6
13.5
CPTL05121
□A4B2
15
90
270
220
1.5
11
5.0
0.6
14.5
CPTL05261
□A4B2
18
75
225
220
1.3
11
5.0
0.6
14.5
CPTL05501
□A4B2
10
120
360
220
2.3
13.5
5.0
0.6
16.5
CPTL05122
□A4B2
5.6
180
540
220
4.5
17.5
5.0
0.6
21.5
CPTL05192
□A4B2
3.9
240
720
220
7.0
22
5.0
0.6
25.5
CPTL05302
□A4B2
2.7
350
1050
220
9.5
26
5.0
0.8
29.5
CPTL07290
□A4B2
150
15
60
220
0.3
5.0
5.0
0.5
8.5
CPTL07480
□A4B2
68
35
110
220
0.5
7.0
5.0
0.6
10.5
CPTL08180
□A4B2
36
45
180
220
0.7
9.0
5.0
0.6
12.5
CPTL08220
□A4B2
22
65
195
220
1.2
10
5.0
0.6
13.5
CPTL08240
□A4B2
15
90
270
220
1.5
11
5.0
0.6
14.5
CPTL09160
□A4B2
18
75
225
220
1.3
11
5.0
0.6
14.5
CPTL10120
□A4B2
10
120
360
220
2.3
13.5
5.0
0.6
16.5
CPTL10170
□A4B2
5.6
180
540
220
4.5
17.5
5.0
0.6
21.5
CPTL119R1
□A4B2
3.9
240
720
220
7.0
22
5.0
0.6
25.5
CPTL128R4
□A4B2
2.7
350
1050
220
9.5
26
5.0
0.8
29.5
CPTL12110
□A4B2
22
65
195
220
1.2
10
5.0
0.6
13.5
CPTL164R4
□A4B2
15
90
270
220
1.5
11
5.0
0.6
14.5
CPTL155R1
□A4B2
18
75
225
220
1.3
11
5.0
0.6
14.5
CPTL166R6
□A4B2
10
120
360
220
2.3
13.5
5.0
0.6
16.5
CPTL202R8
□A4B2
5.6
180
540
220
4.5
17.5
5.0
0.6
21.5
CPTL203R6
□A4B2
3.9
240
720
220
7.0
22
5.0
0.6
25.5
CPTL204R0
□A4B2
2.7
350
1050
220
9.5
26
5.0
0.8
29.5
Note:
□=Tolerance of R25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com