Electronic Components Datasheet Search
  English  ▼

X  

CPTL Datasheet(PDF) 10 Page - MERITEK ELECTRONICS CORPORATION

Part # CPTL
Description  CPTD type are bare disc type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CPTL Datasheet(HTML) 10 Page - MERITEK ELECTRONICS CORPORATION

Back Button CPTL Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 11Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 12Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 13Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 14Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Rev. 7a
Ceramic PTC Thermistor
Overload Protection
MERITEK
CPTL / CPTD Series
RoHS
250VAC / 100°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
℃
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL07220
□A0B5
100±10
22
100
260
250
0.5
9.0
6.0
0.6
12.5
Note:
□=Tolerance of R25
270VAC / 120°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
℃
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL08390
□A2B7
120±10
39
75
240
270
1.2
10
5.0
0.6
13.5
CPTL10390
□A2B7
39
100
250
270
1.2
12
5.0
0.6
15.5
CPTL12270
□A2B7
27
120
350
270
1.5
14
5.0
0.6
17.5
CPTL16500
□A2B7
50
320
160
270
4.0
18
7.0
0.6
21.5
Note:
□=Tolerance of R25
300VAC / 120°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
℃
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL10820
□A2C0
120±10
82
80
250
300
0.5
12
5.5
0.6
15.5
CPTL10151
□A2C0
150
60
150
300
0.3
12
5.5
0.6
15.5
CPTL10351
□A2C0
350
35
100
300
0.3
12
5.5
0.6
15.5
Note:
□=Tolerance of R25
380VAC / 120°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
℃
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL05601
□A2C8
120±10
600
21
39
380
0.2
7.0
5.0
0.6
10.5
Note:
□=Tolerance of R25
400VAC / 120°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
℃
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL05251
□A2D0
120±10
250
32
65
400
0.3
7
5
0.6
10.5
CPTL05381
□A2D0
380
30
56
400
0.3
7
5
0.6
10.5
CPTL05561
□A2D0
560
22
44
400
0.3
7
5
0.6
10.5
Note:
□=Tolerance of R25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com