Electronic Components Datasheet Search
  English  ▼

X  

CPTL Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # CPTL
Description  CPTD type are bare disc type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CPTL Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  CPTL Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Rev. 7a
Ceramic PTC Thermistor
Overload Protection
MERITEK
CPTL / CPTD Series
RoHS
FEATURES
RoHS compliant
CPTD type are bare disc type
CPTL type are leaded
Low, medium and high voltage ratings
Low resistance; Small size
No need to reset supply after overload
No noise generated
Stable over a long time
Operating temperature range:0 ~ +60°C
(V=Vmax)
-25 ~ +125°C
(V=0)
RECOMMENDED APPLICATIONS
Telecommunications (Program-controller)
Electrical equipment (Electrical machinery, Transformer)
Automotive electronics
PART NUMBERING SYSTEM
CPT
L
07
270
J
A2
B7
Y
Meritek Ceramic PTC Thermistor Products
Product Types
Code
L
D
Type
Lead Type
Disc Type
Disc Diameters
Code
07
12
Type
Ø7mm
Ø12mm
Resistance (R25)
Code
2R0
270
102
Value
2
Ω
27
Ω
1K
Ω
Tolerance of R25
Code
M
H
N
T
P
S
Q
Y
Value
±20%
±25%
±30%
±40%
±50%
+35%~-15%
+30%~-20%
Special
Curie Temperature
Code
P0
P8
A0
A2
A4
Value
0°C
80°C
100°C
120°C
140°C
Voltage
Code
06
99
A4
B7
C8
E9
F0
J0
Value
6VAC
99 VAC
140 VAC
270 VAC
380 VAC
590 VAC
600 VAC
1000 VAC
Packaging
Code
Y
X
V
W
U
Type
Bulk
T/A with 12.7mm Pitch
T/A with 15mm Pitch
T/R with 12.7mm Pitch
T/R with 12.7mm Pitch


Similar Part No. - CPTL

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CPT CITIZEN-CPT Datasheet
420Kb / 1P
Chip Photo-transistor
logo
JST Mfg. Co., Ltd.
CPT JST-CPT Datasheet
330Kb / 8P
Board-to-wire
logo
Molex Electronics Ltd.
CPT-00053 MOLEX11-CPT-00053 Datasheet
195Kb / 1P
PowerCat C6A Consolidation Point/ MUTO Enclosure
logo
CUI INC
CPT-1117-83-SMT-TR CUI-CPT-1117-83-SMT-TR Datasheet
431Kb / 5P
PIEZO BUZZER TRANSDUCER
03/15/2021
logo
CUI Devices
CPT-1117-83-SMT-TR CUID-CPT-1117-83-SMT-TR Datasheet
403Kb / 5P
PIEZO BUZZER TRANSDUCER
08/05/2022
More results

Similar Description - CPTL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERTD PANASONIC-ERTD Datasheet
689Kb / 5P
Disc Type NTC Thermistors
logo
KOA Speer Electronics, ...
NVD05U KOA-NVD05U Datasheet
104Kb / 3P
metal oxide varistor disc type
logo
Thinking Electronic Ind...
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
3mm Disc Type for Temperature Sensing/Compensation
logo
KOA Speer Electronics, ...
NVD05UCDMHTA220 KOA-NVD05UCDMHTA220 Datasheet
329Kb / 3P
metal oxide varistor disc type
logo
Panasonic Semiconductor
ECK-N3D102KBP PANASONIC-ECK-N3D102KBP Datasheet
619Kb / 9P
High voltage ceramic disc capacitors (low loss type)
ERT-D2FFL400S PANASONIC-ERT-D2FFL400S Datasheet
695Kb / 5P
NTC Thermistors (Disc Type)
ECK-A3D222KBP PANASONIC-ECK-A3D222KBP Datasheet
619Kb / 9P
High Voltage Ceramic Disc Capacitors (Low loss type)
ECC-D3A270JGE PANASONIC-ECC-D3A270JGE Datasheet
426Kb / 10P
High Voltage Ceramic Disc Capacitors (Low loss type)
logo
KOA Speer Electronics, ...
NVD10UCD200 KOA-NVD10UCD200 Datasheet
280Kb / 4P
metal oxide varistor disc type
logo
Murata Manufacturing Co...
C85E MURATA-C85E Datasheet
2Mb / 101P
Lead Type Disc Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com