Electronic Components Datasheet Search
  English  ▼

X  

CPTL Datasheet(PDF) 5 Page - MERITEK ELECTRONICS CORPORATION

Part # CPTL
Description  CPTD type are bare disc type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CPTL Datasheet(HTML) 5 Page - MERITEK ELECTRONICS CORPORATION

  CPTL Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Rev. 7a
Ceramic PTC Thermistor
Overload Protection
MERITEK
CPTL / CPTD Series
RoHS
48VAC / 120°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
℃
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL04420
□A248
120±10
42
105
210
48
0.75
6.5
5.0
0.6
10.5
CPTL04600
□A248
60
90
180
48
0.6
6.5
5.0
0.6
10.5
CPTL04900
□A248
90
70
140
48
0.46
6.5
5.0
0.6
10.5
CPTL06220
□A248
22
155
310
48
1.3
8.0
5.0
0.6
11.5
CPTL06320
□A248
32
130
260
48
0.95
8.0
5.0
0.6
11.5
CPTL08180
□A248
18
195
390
48
1.6
10
5.0
0.6
13.5
CPTL10120
□A248
12
230
460
48
2.2
12
5.0
0.6
15.5
CPTL126R5
□A248
6.5
350
700
48
4.0
14
5.0
0.6
17.5
CPTL129R0
□A248
9.0
285
570
48
2.9
14
5.0
0.6
17.5
CPTL134R3
□A248
4.3
425
850
48
6.3
15
5.0
0.6
18.5
CPTL162R6
□A248
2.6
605
1210
48
12
17.5
5.0
0.6
21.5
CPTL163R8
□A248
3.8
505
1010
48
7.3
17.5
5.0
0.6
21.5
CPTL201R6
□A248
1.6
870
1750
48
18
22
5.0
0.6
25.5
CPTL202R2
□A248
2.2
725
1450
48
14
22
5.0
0.6
25.5
Note:
□=Tolerance of R25
48VAC / 140°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
℃
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL05250
□A448
140±10
25
130
260
48
1.2
7.0
5.0
0.6
10.5
CPTL05500
□A448
50
94
188
48
0.8
7.0
5.0
0.6
10.5
Note:
□=Tolerance of R25
63VAC / 120°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
℃
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL03510
□A263
120±10
51
55
165
63
0.7
5.0
4.0
0.5
8.5
CPTL05240
□A263
24
90
270
63
1.0
7.0
4.0
0.6
10.5
CPTL089R1
□A263
9.1
160
480
63
3.0
10
4.0
0.6
13.5
CPTL095R1
□A263
5.1
280
850
63
4.5
11
4.0
0.6
14.5
CPTL113R6
□A263
3.6
320
960
63
5.0
13.5
4.0
0.6
16.5
CPTL152R4
□A263
2.4
460
1400
63
7.5
17.5
4.0
0.6
21.5
CPTL201R7
□A263
1.7
700
1400
63
10
22
5.0
0.6
25.5
Note:
□=Tolerance of R25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com