Electronic Components Datasheet Search
  English  ▼

X  

CPTL Datasheet(PDF) 16 Page - MERITEK ELECTRONICS CORPORATION

Part # CPTL
Description  CPTD type are bare disc type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CPTL Datasheet(HTML) 16 Page - MERITEK ELECTRONICS CORPORATION

Back Button CPTL Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 11Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 12Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 13Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 14Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 15Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 16Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 17Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Rev. 7a
Ceramic PTC Thermistor
Overload Protection
MERITEK
CPTL / CPTD Series
RoHS
(Unit: mm)
Index
Parameter
Nominal dimensions
Tolerance
P
Lead spacing
5
7.5
5
7.5
±1
P0
Sprocket hole pitch
12.7
12.7
15
15
±0.3
P1
Lead location
3.85
8.95
5
3.75
±1
P2
Component pitch
12.7 (D
≦10)
15.0 (D
≦10)
±1
25.4 (D>10)
30.0 (D>10)
H0
Height between component
and tape
centre
16
16
16
16
±0.5
W
Carrier tape width
18
18
18
18
±1
W0
Adhesive tape width
12
12
12
12
±1
W1
Sprocket hole position
9
9
9
9
±1
W2
Adhesive
tape position
3
3
3
3
Max. 3
△P
Component
alignment
1
1
1
1
Max. 1
△h
Component
alignment
2
2
2
2
Max. 2
A
Tip length
0.5
0.5
0.5
0.5
Max. 0.5
D0
Sprocket
hole diameter
4
4
4
4
±0.2
t
Total tape
thickness
0.6
0.6
0.6
0.6
±0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com