Electronic Components Datasheet Search
  English  ▼

X  

MAX192BCAP Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX192BCAP
Description  Low-Power, 8-Channel, Serial 10-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX192BCAP Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX192BCAP Datasheet HTML 11Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 12Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 13Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 14Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 15Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 16Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 17Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 18Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Power-Down
Choosing Power-Down Mode
You can save power by placing the converter in a
low-current shutdown state between conversions.
Select full power-down or fast power-down mode via
bits 1 and 0 of the DIN control byte with SHDN either
high or floating (see Tables 3 and 6). Pull SHDN low at
any time to shut down the converter completely. SHDN
overrides bits 1 and 0 of DIN word (see Table 7).
Full power-down mode turns off all chip functions that
draw quiescent current, typically reducing IDD to 2µA.
Fast power-down mode turns off all circuitry except the
bandgap reference. With the fast power-down mode, the
supply current is 30µA. Power-up time can be shortened
to 5µs in internal compensation mode.
In both software shutdown modes, the serial interface
remains operational, however, the ADC will not convert.
Table 5 illustrates how the choice of reference-buffer
compensation and power-down mode affects both
power-up delay and maximum sample rate.
In external compensation mode, the power-up time is
20ms with a 4.7µF compensation capacitor when the
capacitor is fully discharged. In fast power-down, you
can eliminate start-up time by using low-leakage capaci-
Low-Power, 8-Channel,
Serial 10-Bit ADC
______________________________________________________________________________________
15
POWERED UP
FULL
POWER-
DOWN
POWERED
UP
POWERED UP
DATA VALID
(10 + 2 DATA BITS)
DATA VALID
(10 + 2 DATA BITS)
DATA INVALID
VALID
EXTERNAL
EXTERNAL
INTERNAL
S X X X X X 1 1
S
0 1
X
X
X
X
X
X X X X X
S
1 1
FAST
POWER-DOWN
MODE
DOUT
DIN
CLOCK
MODE
SHDN
SETS EXTERNAL
CLOCK MODE
SETS EXTERNAL
CLOCK MODE
SETS FAST
POWER-DOWN
MODE
Figure 12a. Timing Diagram Power-Down Modes, External Clock
FULL
POWER-DOWN
POWERED
UP
POWERED UP
DATA VALID
DATA VALID
INTERNAL CLOCK MODE
S X X X X X 1 0
S
0 0
X
X
X
X
X
S
MODE
DOUT
DIN
CLOCK
MODE
SETS INTERNAL
CLOCK MODE
SETS FULL
POWER-DOWN
CONVERSION
CONVERSION
SSTRB
Figure 12b. Timing Diagram Power-Down Modes, Internal Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com