Electronic Components Datasheet Search
  English  ▼

X  

MAX192BCAP Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX192BCAP
Description  Low-Power, 8-Channel, Serial 10-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX192BCAP Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX192BCAP Datasheet HTML 16Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 17Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 18Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 19Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 20Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 21Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 22Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 23Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
Low-Power, 8-Channel,
Serial 10-Bit ADC
Typical Operating Circuit
Chip Information
VDD
I/O
SCK (SK)*
MOSI (SO)
MISO (SI)
VSS
SHDN
SSTRB
DOUT
DIN
SCLK
CS
AGND
AGND
DGND
VDD
REFADJ
CH7
C3
0.1
µF
C4
0.1
µF
CH0
+5V
C2
0.01
µF
0V to
4.096V
ANALOG
INPUTS
MAX192
CPU
C1
4.7
µF
VREF
TRANSISTOR COUNT: 2278
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
24 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1997 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Package Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com