Electronic Components Datasheet Search
  English  ▼

X  

MAX192BCAP Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX192BCAP
Description  Low-Power, 8-Channel, Serial 10-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX192BCAP Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX192BCAP Datasheet HTML 15Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 16Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 17Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 18Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 19Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 20Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 21Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 22Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Layout, Grounding, Bypassing
For best performance, use printed circuit boards.
Wire-wrap boards are not recommended. Board layout
should ensure that digital and analog signal lines are
separated from each other. Do not run analog and digi-
tal (especially clock) lines parallel to one another, or
digital lines underneath the ADC package.
Figure 18 shows the recommended system ground
connections. A single-point analog ground (“star”
ground point) should be established at AGND, sepa-
rate from the logic ground. All other analog grounds
and DGND should be connected to this ground. No
other digital system ground should be connected to
this single-point analog ground. The ground return to
the power supply for this ground should be low imped-
ance and as short as possible for noise-free operation.
High-frequency noise in the VDD power supply may
affect the high-speed comparator in the ADC. Bypass
these supplies to the single-point analog ground with
0.1µF and 4.7µF bypass capacitors close to the
MAX192. Minimize capacitor lead lengths for best sup-
ply-noise rejection. If the +5V power supply is very
noisy, a 10
Ω resistor can be connected as a lowpass
filter, as shown in Figure 18.
High-Speed Digital Interfacing
The MAX192 can interface with QSPI at high through-
put rates using the circuit in Figure 19. This QSPI circuit
can be programmed to do a conversion on each of the
eight channels. The result is stored in memory without
taxing the CPU since QSPI incorporates its own
micro-sequencer.
Figure 20 details the code that sets up QSPI for
autonomous operation. In external clock mode, the
MAX192 performs a single-ended, unipolar conversion
on each of the eight analog input channels. Figure 21
shows the timing associated with the assembly code of
Figure 20. The first byte clocked into the MAX192 is the
control byte, which triggers the first conversion on CH0.
The last two bytes clocked into the MAX192 are all
zero, and clock out the results of the CH7 conversion.
Low-Power, 8-Channel,
Serial 10-Bit ADC
______________________________________________________________________________________
19
+5V
510k
100k
24k
0.01
µF
12
REFADJ
MAX192
Figure 17. Reference-Adjust Circuit
+5V
GND
SUPPLIES
DGND
+5V
DGND
AGND
VDD
DIGITAL
CIRCUITRY
MAX192
R* = 10
Ω
* OPTIONAL
Figure 18. Power-Supply Grounding Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com