Electronic Components Datasheet Search
  English  ▼

X  

MAX192BCAP Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX192BCAP
Description  Low-Power, 8-Channel, Serial 10-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX192BCAP Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX192BCAP Datasheet HTML 16Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 17Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 18Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 19Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 20Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 21Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 22Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 23Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Low-Power, 8-Channel,
Serial 10-Bit ADC
22
______________________________________________________________________________________
LDD
#$0800
STD
SPCR2
;set ENDQP to $8 for 9 transfers
***** Initialize QSPI Command RAM *****
LDAA
#$80
;CONT=1,BITSE=0,DT=0,DSCK=0,PCS0=ACTIVE
STAA
$FD40
;store first byte in COMMAND RAM
LDAA
#$C0
;CONT=1,BITSE=1,DT=0,DSCK=0,PCS0=ACTIVE
STAA
$FD41
STAA
$FD42
STAA
$FD43
STAA
$FD44
STAA
$FD45
STAA
$FD46
STAA
$FD47
LDAA
#$40
;CONT=0,BITSE=1,DT=0,DSCK=0,PCS0=ACTIVE
STAA
$FD48
***** Initialize QSPI Transmit RAM *****
LDD
#$008F
STD
$FD20
LDD
#$00CF
STD
$FD22
LDD
#$009F
STD
$FD24
LDD
#$00DF
STD
$FD26
LDD
#$00AF
STD
$FD28
LDD
#$00EF
STD
$FD2A
LDD
#$00BF
STD
$FD2C
LDD
#$00FF
STD
$FD2E
LDD
#$0000
STD
$FD30
PULB
PULA
RTS
READ192:
;This routine triggers the QSPI microsequencer to autonomously
;trigger conversions on all 8 channels of the MAX192. Each
;conversion result is stored in the receive data RAM.
PSHA
LDAA
#$80
ORAA
SPCR1
STAA
SPCR1
;just set SPE
PULA
RTS
***** Interrupts/Exceptions *****
BDM: BGND
;exception vectors point here
;and put the user in background debug mode
Figure 20. MAX192 Assembly-Code Listing (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com