Electronic Components Datasheet Search
  English  ▼

X  

MAX192BCAP Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX192BCAP
Description  Low-Power, 8-Channel, Serial 10-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX192BCAP Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX192BCAP Datasheet HTML 13Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 14Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 15Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 16Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 17Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 18Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 19Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 20Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Low-Power, 8-Channel,
Serial 10-Bit ADC
______________________________________________________________________________________
17
1
0 0
DIN
REFADJ
VREF
2.5V
0V
4V
0V
1
0 1
1
1
1
1
0 0
1
0 1
FULLPD
FASTPD
NOPD
FULLPD
FASTPD
2ms WAIT
COMPLETE CONVERSION SEQUENCE
tBUFFEN ≈ 15µs
τ = RC = 20kΩ x CREFADJ
(ZEROS)
CH1
CH7
(ZEROS)
Figure 13. FULLPD/FASTPD Power-Up Sequence
RC filter with the internal 20k
Ω reference resistor with a
0.2ms time constant. To achieve full 10-bit accuracy,
10 time constants or 2ms are required after power-up.
Waiting 2ms in FASTPD mode instead of full power-up
will reduce the power consumption by a factor of 10 or
more. This is achieved by using the sequence shown in
Figure 13.
Lowest Power at Higher Throughputs
Figure 14b shows the power consumption with
external-reference compensation in fast power-down,
with one and eight channels converted. The external
4.7µF compensation requires a 50µs wait after
power-up, accomplished by 75 idle clocks after a
dummy conversion. This circuit combines fast
multi-channel conversion with lowest power consump-
tion possible. Full power-down mode may provide
increased power savings in applications where the
1000
1
0
100
300
500
FULL POWER-DOWN
10
100
CONVERSIONS PER CHANNEL PER SECOND
200
400
2ms FASTPD WAIT
400kHz EXTERNAL CLOCK
INTERNAL COMPENSATION
8 CHANNELS
1 CHANNEL
10,000
10
0
FAST POWER-DOWN
100
1000
CONVERSIONS PER CHANNEL PER SECOND
8 CHANNELS
1 CHANNEL
4k
8k
12k
16k
2MHz EXTERNAL CLOCK
EXTERNAL COMPENSATION
50µs WAIT
3.0
2.5
2.0
1.5
1.0
0.5
0
0.0001
0.001
0.01
0.1
1
10
TIME IN SHUTDOWN (sec)
Figure 14a. Supply Current vs. Sample Rate/Second, FULLPD,
400kHz Clock
Figure 14b. Supply Current vs. Sample Rate/Second, FASTPD,
2MHz Clock
Figure 14c. Typical Power-Up Delay vs. Time in Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com