Electronic Components Datasheet Search
  English  ▼

X  

MAX214C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX214C/D
Description  Programmable DTE/DCE, 5V RS-232 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX214C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX214C/D Datasheet HTML 4Page - Maxim Integrated Products MAX214C/D Datasheet HTML 5Page - Maxim Integrated Products MAX214C/D Datasheet HTML 6Page - Maxim Integrated Products MAX214C/D Datasheet HTML 7Page - Maxim Integrated Products MAX214C/D Datasheet HTML 8Page - Maxim Integrated Products MAX214C/D Datasheet HTML 9Page - Maxim Integrated Products MAX214C/D Datasheet HTML 10Page - Maxim Integrated Products MAX214C/D Datasheet HTML 11Page - Maxim Integrated Products MAX214C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Programmable DTE/DCE,
+5V RS-232 Transceiver
8
_______________________________________________________________________________________
which improves noise margins. The polarity of each
receiver’s input threshold is shown in Tables 1a and 1b.
In normal operating mode, receiver inputs are internally
connected to ground with 5k
Ω resistors. So uncon-
nected receivers with positive input thresholds have
high outputs, and those with negative input thresholds
have low outputs.
When shut down, all receivers have positive thresholds.
This allows the receiver inputs to respond to
TTL-/CMOS-logic levels, as well as RS-232 levels. The
guaranteed 0.8V input threshold ensures that receivers
shorted to ground will have a logic 1 output. Also, the
300k
Ω input resistance to ground ensures that a receiv-
er with its input left open will also have a logic 1 output.
The receiver’s 0.5V of hysteresis provides clean output
transitions, even with slow rise-time and fall-time sig-
nals with moderate amounts of noise and ringing. The
receivers have no hysteresis in shutdown mode.
HI-Z Control
The receiver inputs are terminated with 5k
Ω resistors, to
comply with the requirements of EIA/TIA-232E.
However, these internal resistors can be disconnected
by taking the HI-Z control pin to a logic high. This
makes all of the MAX214’s receiver inputs high imped-
ance, and facilitates the transmission of RS-232 data
from a single transmitter to multiple receivers. In this
case, all but one of the receiving ICs should be put into
the high input-impedance state.
Shutdown Control
In shutdown mode, the charge pumps are turned off,
V+ is pulled down to VCC, V- is pulled to ground, and
the transmitter outputs are disabled. This reduces sup-
ply current typically to 4µA.
The time required to exit
shutdown is about 250µs, as shown in Figure 3.
Receivers
Receiver outputs never go into a high-impedance state;
they are always active, even in shutdown mode (see
Table 2). These awake-in-shutdown receivers are use-
ful for monitoring external activity (for example, on RI),
while maintaining minimal power consumption.
Receivers in shutdown mode are slower (20kbps) than
when not shut down (116kbps), and lack the hysteresis
present in normal operation.
Drivers
The driver outputs are high impedance in shutdown
mode, even when back-driven with voltages up
to ±15V.
__________Applications Information
Capacitor Selection
The type of capacitor (C1 to C4) used is not critical for
proper operation. The MAX214 requires 1µF capaci-
tors, although in all cases capacitors of up to 10µF
can be used without harm. Ceramic dielectrics are
suggested for the 1µF capacitors.
Table 2. Control Pin Configurations
CONTROL INPUTS
SHUTDOWN
HI-Z
DTE/DCE
RTA, RTB, RTC, RDTC
RRE
0
0
0
Receive Mode/5k
Ω
Receive Mode/5k
Ω
0
0
1
Transmit Mode
Receive Mode/5k
Ω
0
1
0
Receive Mode/HI-Z
Receive Mode/HI-Z
0
1
1
Transmit Mode
Receive Mode/HI-Z
1
0
0
Slow Receive/HI-Z
Slow Receive/HI-Z
1
0
1
Disabled/HI-Z
Slow Receive/HI-Z
1
1
0
Slow Receive/HI-Z
Slow Receive/HI-Z
1
1
1
Disabled/HI-Z
Slow Receive/HI-Z
RS-232 PINS
TRA, TRB, TRC
Transmit Mode
Receive Mode/5k
Ω
Transmit Mode
Receive Mode/HI-Z
Disabled/HI-Z
Slow Receive/HI-Z
Disabled/HI-Z
Slow Receive/HI-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com