Electronic Components Datasheet Search
  English  ▼

X  

MAX214C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX214C/D
Description  Programmable DTE/DCE, 5V RS-232 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX214C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX214C/D Datasheet HTML 4Page - Maxim Integrated Products MAX214C/D Datasheet HTML 5Page - Maxim Integrated Products MAX214C/D Datasheet HTML 6Page - Maxim Integrated Products MAX214C/D Datasheet HTML 7Page - Maxim Integrated Products MAX214C/D Datasheet HTML 8Page - Maxim Integrated Products MAX214C/D Datasheet HTML 9Page - Maxim Integrated Products MAX214C/D Datasheet HTML 10Page - Maxim Integrated Products MAX214C/D Datasheet HTML 11Page - Maxim Integrated Products MAX214C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Programmable DTE/DCE,
+5V RS-232 Transceiver
______________________________________________________________________________________
11
PARAMETER
CONDITIONS
Driver Output
Resistance
-2V < VOUT < +2V
Transition Rate on
Driver Output
V.28
Instantaneous
Slew Rate, Max
3k
Ω to 7kΩ load
300
Ω
100mA
30V/
µs
+5.0V to +15V
-5.0V to -15V
3k
Ω to 7kΩ load
3k
Ω ≤ RL ≤ 7kΩ,
CL ≤ 2500pF
EIA/TIA-232E
4% of the period
EIA/TIA-232E, V.28
SPECIFICATIONS
Driver Output
Voltage
0 Level
1 Level
Output Level, Max
Driver Output
Short-Circuit
Current, Max
1ms or 3% of the
period
DB9 PIN
DB25 PIN
NAME
SYMBOL
FUNCTION
1
8
DCD
Handshake from DCE
2
3
Receive Data
RxD
Data from DCE
3
2
Transmit Data
Data from DTE
4
20
Data Terminal Ready
DTR
Handshake from DTE
5
7
Signal Ground
GND
6
6
Data Set Ready
DSR
Handshake from DCE
7
4
Request to Send
RTS
Handshake from DTE
8
5
Clear to Send
CTS
Handshake from DCE
9
22
Ring Indicator
RI
Handshake from DCE
Reference point for signals
Received Line Signal Detector, sometimes
called Data Carrier Detect
TxD
Table 3. Summary of EIA/TIA-232E, V.28
Specifications
Table 4. DB9/DB25 Cable Connections Commonly Used for EIA/TIA-232 and V.24
Asynchronous Interfaces
Data Rate
3k
Ω ≤ RL ≤ 7kΩ,
CL ≤ 2500pF
Up to 20kbits/sec
No load
±25V
-3.0V to -15V
±25V
+3.0V to +15V
Receiver Input
Voltage
0 Level
1 Level
Input Level, Max
___________________Chip Topography
TRANSISTOR COUNT: 694;
SUBSTRATE CONNECTED TO V+.
TC
0.178"
4.52mm
0.156"
3.96mm
RB
RC
DTE/DCE
TRB
RTB
HI-Z
C2+
C1+
SHDN
TB
RTA
TRA
RE
RDC
RA
TA
C2-
C1-
RDTC
RRE
GND
V-
V+
VCC
RTC
TRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com