Electronic Components Datasheet Search
  English  ▼

X  

MAX214C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX214C/D
Description  Programmable DTE/DCE, 5V RS-232 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX214C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX214C/D Datasheet HTML 2Page - Maxim Integrated Products MAX214C/D Datasheet HTML 3Page - Maxim Integrated Products MAX214C/D Datasheet HTML 4Page - Maxim Integrated Products MAX214C/D Datasheet HTML 5Page - Maxim Integrated Products MAX214C/D Datasheet HTML 6Page - Maxim Integrated Products MAX214C/D Datasheet HTML 7Page - Maxim Integrated Products MAX214C/D Datasheet HTML 8Page - Maxim Integrated Products MAX214C/D Datasheet HTML 9Page - Maxim Integrated Products MAX214C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Programmable DTE/DCE,
+5V RS-232 Transceiver
6
_______________________________________________________________________________________
Table 1a. DTE-Operation Pin Configurations
TTL/CMOS
I/O LABEL
MAX214
PIN
Detector Carrier Data (DCD)
7
Data Set Ready (DSR)
22
Data Terminal Ready (DTR)
24
Clear to Send (CTS)
23
Ring Indicator (RI)
8
Receiver (RxD)
Transmitter (TxD)
6
Request to Send (RTS)
25
FUNCTION
5
11
17
18
19
12
9
10
20
RS-232
I/O LABEL
DCD
DSR
DTR
CTS
RI
TxD
RxD
RTS
INPUT
THRESHOLD
+
-
-
+
+
MAX214
PIN
DB-25
PIN
8
6
20
5
22
2
3
4
Table 1b. DCE-Operation Pin Configurations
MAX214
PIN
MAX214
PIN
12
18
17
20
8
11
10
9
19
RS-232
I/O LABEL
22
RI
DTR
24
DSR
RTS
23
DCD
RxD
TxD
CTS
INPUT
THRESHOLD
8
7
+
-
-
+
DB-25
PIN
22
20
6
4
3
2
5
5
6
25
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com