Electronic Components Datasheet Search
  English  ▼

X  

MAX214C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX214C/D
Description  Programmable DTE/DCE, 5V RS-232 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX214C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX214C/D Datasheet HTML 1Page - Maxim Integrated Products MAX214C/D Datasheet HTML 2Page - Maxim Integrated Products MAX214C/D Datasheet HTML 3Page - Maxim Integrated Products MAX214C/D Datasheet HTML 4Page - Maxim Integrated Products MAX214C/D Datasheet HTML 5Page - Maxim Integrated Products MAX214C/D Datasheet HTML 6Page - Maxim Integrated Products MAX214C/D Datasheet HTML 7Page - Maxim Integrated Products MAX214C/D Datasheet HTML 8Page - Maxim Integrated Products MAX214C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Programmable DTE/DCE,
+5V RS-232 Transceiver
_______________________________________________________________________________________
3
PARAMETER
Transmitter + to - Propagation-Delay
Difference (Normal Operation)
MIN
TYP
MAX
100
UNITS
Input Leakage Current
ns
±1
Receiver Propagation Delay,
RS-232 to TTL (Normal Operation)
µA
Logic Input Threshold High
1.3
2.0
V
Logic Input Threshold Low
0.8
1.3
µs
V
Receiver Propagation Delay,
RS-232 to TTL (Shutdown Mode)
Data Rate
20
kbps
1.5
10
µs
Receiver Propagation-Delay Difference
(Normal Operation)
Transition-Region Slew Rate
612
30
100
V/
µs
Transmitter Propagation Delay,
TTL to RS-232 (Normal Operation)
ns
1.4
3.5
µs
Transmitter Enable Time
VCC Supply Current
250
µs
Transmitter Disable Time
600
ns
Transmitter DTE/DCE Switch Time
600
ns
Receiver DTE/DCE Switch Time
920
mA
300
ns
Receiver Termination-Resistor
Connect/Disconnect Time
Shutdown Supply Current
300
ns
420
µA
Receiver Termination-Resistor Connect
Entering SHDN Time
250
µs
Receiver Termination-Resistor
Disconnect Exiting SHDN Time
300
ns
CONDITIONS
tPHLT - tPLHT
Receivers in shutdown mode
tPLHR
tPHLT - tPLHT
TA = +25°C, VCC = 5V, RL = 3k
Ω to 7kΩ,
CL = to 2500pF,
measured from 3V to -3V or -3V to 3V
tPLHT
tTEN (includes charge-pump start-up time)
tTTR
tTSW
No load, TA = +25°C
tRSW
(SHDN = 0V)
DTE/DCE = 0V, SHDN =
HI-Z = VCC, Figure 1
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 4.5V to 5.5V, C1 to C4 = 1µF, TA = TMIN to TMAX, unless otherwise noted.)
TA = TMIN to TMAX
TA = +25°C
Normal operation, transmitters and receivers
tPHLT
200
116
1.3
3.5
tPHLR, tPLHR
0.4
1.5
tPHLR
0.4
10
Note 1:
The 300
Ω minimum is the EIA/TIA-232E specification, but the actual resistance when in shutdown mode or when V
CC = 0V
is typically 300k
Ω.
50
MODE-CHANGE TIMING (DTE/DCE)
AC CHARACTERISTICS
POWER SUPPLY
CONTROL LOGIC (DTE/DCE, SHDN, HI-Z)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com