Electronic Components Datasheet Search
  English  ▼

X  

MAX214C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX214C/D
Description  Programmable DTE/DCE, 5V RS-232 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX214C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX214C/D Datasheet HTML 4Page - Maxim Integrated Products MAX214C/D Datasheet HTML 5Page - Maxim Integrated Products MAX214C/D Datasheet HTML 6Page - Maxim Integrated Products MAX214C/D Datasheet HTML 7Page - Maxim Integrated Products MAX214C/D Datasheet HTML 8Page - Maxim Integrated Products MAX214C/D Datasheet HTML 9Page - Maxim Integrated Products MAX214C/D Datasheet HTML 10Page - Maxim Integrated Products MAX214C/D Datasheet HTML 11Page - Maxim Integrated Products MAX214C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Programmable DTE/DCE,
+5V RS-232 Transceiver
10
______________________________________________________________________________________
TRA
RTA
TRB
RTB
TRC
RTC
RDTC
RRE
3
2
7
8
4
6
1
9
TxD
RxD
RTS
CTS
DTR
DSR
DCD
RI
5
6
25
23
24
22
7
8
MAX214
HI-Z
SHDN
DTE/DCE
MAX214
HI-Z
SHDN
DTE/DCE
TA
RA
TB
RB
TC
RC
RDC
RE
9
10
20
19
18
17
11
12
HIGH
HIGH
5
6
25
23
24
22
7
8
TA
RA
TB
RB
TC
RC
RDC
RE
TRA
RTA
TRB
RTB
TRC
RTC
RDTC
RRE
PC1
(DTE MODE)
STANDARD
RS-232
CABLE
PC2
(DCE MODE)
DB-9 CONNECTORS
21
26
3
21
26
3
VCC
9
10
20
19
18
17
11
12
3
2
7
8
4
6
1
9
POWER CONNECTIONS OMITTED FOR CLARITY.
Figure 4. Typical Application Circuit Showing 2 PCs with Both DTE and DCE Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com