Electronic Components Datasheet Search
  English  ▼

X  

MAX214C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX214C/D
Description  Programmable DTE/DCE, 5V RS-232 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX214C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX214C/D Datasheet HTML 4Page - Maxim Integrated Products MAX214C/D Datasheet HTML 5Page - Maxim Integrated Products MAX214C/D Datasheet HTML 6Page - Maxim Integrated Products MAX214C/D Datasheet HTML 7Page - Maxim Integrated Products MAX214C/D Datasheet HTML 8Page - Maxim Integrated Products MAX214C/D Datasheet HTML 9Page - Maxim Integrated Products MAX214C/D Datasheet HTML 10Page - Maxim Integrated Products MAX214C/D Datasheet HTML 11Page - Maxim Integrated Products MAX214C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
When using the minimum recommended capacitor
values, make sure the capacitance value does not
degrade excessively as the operating temperature
varies.
If in doubt, use capacitors with a
larger nominal value (for example, 2 times larger).
The effective series resistance (ESR) of the capaci-
tors may vary over temperature and increase
when below 0°C. ESR influences the amount of rip-
ple on V+ and V-, so if low ripple is required over
wide temperature ranges, use larger capacitors or
low-ESR types.
To reduce the output impedance at V+ and V-, use
larger capacitors (up to 10µF). This can be useful
when “stealing” power from V+ or from V-.
Driver Outputs when Exiting Shutdown
Figure 3 shows the MAX214 driver outputs when exiting
shutdown. As they become active, the two driver out-
puts are shown going to opposite RS-232 levels (one
driver input is high, the other is low). Each driver is
loaded with 3k
Ω in parallel with 2.5nF.
Power-Supply Bypassing
Decouple VCC to ground with a capacitor of the same
value as the charge-pump capacitors.
V+ and V- as Power Supplies
A small amount of power can be drawn from V+ and V-,
although this will reduce noise margins. See the
Output Voltage vs. Load Current graph in the
Typical
Operating Characteristics. Increasing the charge-
pump capacitor sizes up to 10µF reduces the imped-
ance of the V+ and V- outputs.
High Data Rates
The MAX214 maintains the RS-232 ±5.0V minimum
driver output voltage even at high data rates. The
Typical Operating Characteristics show transmitter out-
put voltage levels driving 3k
Ω in parallel with various
capacitive loads at data rates up to 120kbps.
Programmable DTE/DCE,
+5V RS-232 Transceiver
_______________________________________________________________________________________
9
+5V
A
B
C
+10V
+5V
0V
-10V
0V
A = TRANSMITTER OUTPUT HIGH, +5V/div
B = TRANSMITTER OUTPUT LOW, +5V/div
C = SHDN INPUT, +5V/div
HORIZONTAL = 200
µs
-5V
Figure 3. Transmitter Outputs When Exiting Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com