Electronic Components Datasheet Search
  English  ▼

X  

MAX214C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX214C/D
Description  Programmable DTE/DCE, 5V RS-232 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX214C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX214C/D Datasheet HTML 4Page - Maxim Integrated Products MAX214C/D Datasheet HTML 5Page - Maxim Integrated Products MAX214C/D Datasheet HTML 6Page - Maxim Integrated Products MAX214C/D Datasheet HTML 7Page - Maxim Integrated Products MAX214C/D Datasheet HTML 8Page - Maxim Integrated Products MAX214C/D Datasheet HTML 9Page - Maxim Integrated Products MAX214C/D Datasheet HTML 10Page - Maxim Integrated Products MAX214C/D Datasheet HTML 11Page - Maxim Integrated Products MAX214C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1995 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Programmable DTE/DCE,
+5V RS-232 Transceiver
________________________________________________________Package Information
C
A
A2
E1
D
E
eA
eB
A3
B1
B
DIM
A
A1
A2
A3
B
B1
C
D
D1
E
E1
e
eA
eB
L
α
MIN
–
0.015
0.125
0.055
0.016
0.045
0.008
1.430
0.050
0.600
0.525
–
0.125
0˚
MAX
0.200
–
0.175
0.080
0.020
0.065
0.012
1.470
0.090
0.625
0.575
0.700
0.150
15˚
MIN
–
0.38
3.18
1.40
0.41
1.14
0.20
36.32
1.27
15.24
13.34
–
3.18
0˚
MAX
5.08
–
4.45
2.03
0.51
1.65
0.30
37.34
2.29
15.88
14.61
17.78
3.81
15˚
INCHES
MILLIMETERS
2.54 BSC
15.24 BSC
0.100 BSC
0.600 BSC
A1
L
D1
e
21-342A
28-PIN PLASTIC
DUAL-IN-LINE
PACKAGE
α
L
DIM
A
A1
B
C
D
E
e
H
h
L
α
MIN
0.093
0.004
0.014
0.009
0.697
0.291
0.394
0.010
0.016
0˚
MAX
0.104
0.012
0.019
0.013
0.713
0.299
0.419
0.030
0.050
8˚
MIN
2.35
0.10
0.35
0.23
17.70
7.40
10.00
0.25
0.40
0˚
MAX
2.65
0.30
0.49
0.32
18.10
7.60
10.65
0.75
1.27
8˚
INCHES
MILLIMETERS
α
28-PIN PLASTIC
SMALL-OUTLINE
PACKAGE
H
E
D
e
A
A1
C
h x 45˚
0.127mm
0.004in.
B
1.27 BSC
0.050 BSC
21-343A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com